ATS-07B-68-C2-R0
AI

The **ATS-07B-68-C2-R0** is a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series, specifically designed for cooling electronic components like CPUs, GPUs, and other high-heat surface-mount devices.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Description |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 15.31°C/W (at 100 LFM) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Fin Pattern** | Cross-Cut (Straight) |
---
### 2. Key Electronic Functions
While the heat sink itself is a passive mechanical component, its electronic function is vital for the stability of the host PCBA (Printed Circuit Board Assembly):
* **Thermal Dissipation:** It increases the surface area of the component (e.g., an FPGA or ASIC), allowing heat to transfer more efficiently to the surrounding air.
* **pushPIN™ Technology:** This specific model uses a spring-loaded attachment mechanism. This ensures **uniform pressure** across the electronic chip, which prevents mechanical stress on the solder balls (BGA) while maximizing contact with the thermal interface.
* **Flow Optimization:** The "Cross-Cut" fin design allows air to flow through the sink from any direction, making it ideal for electronics with unpredictable internal airflow.
---
### 3. Usage Context
This part is typically found in the following electronic environments:
1. **Telecommunications:** Cooling signal processors in routers and switches.
2. **Embedded Systems:** Industrial motherboards where vertical space is limited (15mm height).
3. **Power Electronics:** Managing heat for high-current voltage regulators.
---
- ⤷What is the difference between the C1 and C2 versions of this heat sink?
- ⤷ How do you calculate the required LFM (Linear Feet per Minute) for this part?
- ⤷ Does this model support custom mounting hole patterns?