ATS-07B-95-C2-R0
AI

The **ATS-07B-95-C2-R0** is a specific electronic component primarily classified as a **High-Performance Heat Sink**. It is part of the "pushPIN™" thermal management line manufactured by **Advanced Thermal Solutions (ATS)**.
Below is a detailed breakdown of its specifications and physical characteristics.
### Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-07B-95-C2-R0 |
| **Thermal Resistance** | 7.29 °C/W (at 100 LFM) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Interface Material** | T766 (Thermal Interface Material pre-applied) |
---
### Physical Dimensions
The dimensions are critical for ensuring the part fits onto a specific Integrated Circuit (IC) or PCB layout.
* **Length (A):** 40.00 mm
* **Width (B):** 40.00 mm
* **Height (C):** 25.00 mm
* **Pitch (E):** 33.00 mm (Distance between mounting holes)
* **Pitch (F):** 33.00 mm
---
### Key Design Components
1. **Fin Design:** It utilizes a **Fine Pitch** pattern. This increases the surface area for heat dissipation, making it ideal for high-heat density electronic components like CPUs, GPUs, or power transistors.
2. **Attachment System (pushPIN™):**
* It uses a flexible attachment system that includes a brass or plastic pin and a stainless steel spring.
* This ensures a firm, consistent pressure on the component, optimizing thermal transfer.
3. **Thermal Interface Material (TIM):**
* The "C2" in the part number indicates the use of **T766** thermal grease.
* This is pre-applied to the base of the heat sink to eliminate air gaps between the component and the sink.
4. **Material and Coating:**
* Made of lightweight Aluminum for high thermal conductivity.
* The **Blue Anodized** finish provides a protective layer against corrosion and improves thermal emissivity.
---
### Common Applications
This specific part is typically found in:
* **Networking Equipment:** Switches and routers.
* **Industrial Power Supplies:** To cool MOSFETs or voltage regulators.
* **Embedded Systems:** Cooling high-performance microprocessors on specialized PCBs.
- ⤷
How does the thermal resistance of this part change with different airflow speeds (LFM)?
- ⤷ What are the compatible hole diameters required on the PCB for the pushPIN attachment?
- ⤷ Are there alternative finish colors or materials available for this specific size?