ATS-07B-98-C2-R0
AI

The **ATS-07B-98-C2-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **blueICE™** series of high-performance heat sinks.
Below is a detailed breakdown of its specifications, construction, and application.
---
### 1. Technical Specifications
The part is primarily defined by its thermal resistance and physical dimensions.
| Property | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Part Number** | ATS-07B-98-C2-R0 |
| **Product Category** | Heat Sinks / Thermal Management |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Brass Component) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 15.31°C/W @ (Natural Convection) |
| **Flow Pattern** | Straight Fin |
---
### 2. Key Design Features
### A. pushPIN™ Attachment System
The "R0" at the end of the part number typically signifies the attachment style. This model uses the **pushPIN™** system, which features:
* **Built-in Springs:** Provides precise pressure (Pre-assembled) to ensure maximum thermal contact.
* **Brass Bolts:** Uses durable brass pins that snap into pre-drilled holes on the PCB.
* **Reliability:** Designed for high-vibration environments where adhesive tapes might fail.
### B. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodization:** Not just for aesthetics; the anodized layer increases surface emissivity (improving radiation heat transfer) and protects the aluminum from corrosion.
### C. Fin Configuration
The **Straight Fin** design is optimized for environments where there is a consistent airflow direction. The spacing between the fins is engineered to minimize "pressure drop" while maximizing the surface area available for heat dissipation.
---
### 3. Thermal Performance Data
Performance varies based on the velocity of the air (measured in Linear Feet per Minute - LFM).
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 15.31 |
| 200 (1.0 m/s) | 5.81 |
| 300 (1.5 m/s) | 4.07 |
| 400 (2.0 m/s) | 3.20 |
| 500 (2.5 m/s) | 2.70 |
---
### 4. Typical Applications
This heat sink is designed for mid-sized electronic components that generate significant heat in compact spaces:
* **Processors (CPUs/GPUs):** For low-power or embedded industrial processors.
* **ASICs & FPGAs:** Used in telecommunications and networking equipment.
* **Power Supplies:** Cooling MOSFETs or power conversion modules.
* **LED Drivers:** Dissipating heat from high-output LED arrays.
- ⤷
What are the PCB hole requirements for the pushPIN™ attachment system?
- ⤷ How does 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal performance?
- ⤷ Can this heat sink be used with thermal interface materials like phase-change pads?