ATS-07D-05-C3-R0
AI

The **ATS-07D-05-C3-R0** is a specific high-performance electronic thermal management component. It is a **Heatsink** manufactured by *Advanced Thermal Solutions (ATS)*, belonging to their "push pin" series.
---
### 1. Technical Specifications
This part is designed for cooling electronic components like CPUs, GPUs, or high-power transistors on a PCB.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Resistance** | 8.84°C/W (at 200 LFM) |
| **Fin Style** | Straight (Vertical) |
| **Weight** | ~40 grams |
---
### 2. Physical Dimensions
The dimensions are critical for PCB layout and ensuring clearance for neighboring components.
* **Length:** 40.00 mm
* **Width:** 40.00 mm
* **Height:** 25.00 mm (High profile)
* **Pin-to-Pin Distance:** Approximately 33.00 mm
---
### 3. Key Electronic/Mechanical Features
#### A. Push-Pin Attachment
Unlike adhesive-based heatsinks, the **C3-R0** uses a mechanical push-pin system with a built-in spring. This provides:
* **Consistent Pressure:** Ensures the thermal interface material (TIM) is compressed evenly.
* **Reliability:** Better vibration resistance compared to thermal tape.
#### B. Thermal Performance
The "C3" designation often refers to the specific thermal performance grade and mounting hardware configuration. The straight fin design is optimized for **forced air cooling** (environments with a fan) rather than passive convection.
#### C. Pre-applied Thermal Interface Material (TIM)
Most parts in this series come with a pre-applied **high-performance thermal phase change material**, which eliminates the need for manual application of thermal paste during assembly.
---
### 4. Part Number Breakdown (Nomenclature)
Understanding the code helps in identifying similar variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Part of the "Push-Pin" product family.
* **D:** Specific fin density/type.
* **05:** Size/Height code.
* **C3:** Hardware/Spring tension specification.
* **R0:** RoHS compliant (environmental standard).
- ⤷
How do I calculate the correct pin-to-pin spacing for this heatsink on my PCB design?
- ⤷ What is the difference between blue anodized and black anodized finishes in terms of thermal performance?
- ⤷ Is there a low-profile alternative to the ATS-07D-05-C3-R0 for tight enclosures?