ATS-07D-08-C3-R0
AI

The **ATS-07D-08-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is designed for cooling electronic components, typically semiconductors like CPUs, GPUs, or power transistors, where space is limited and thermal dissipation is critical.
---
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Mounting Type** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 14.71°C/W (at 100 LFM) |
| **Dimensions** | 45.00mm x 45.00mm x 25.00mm |
| **Attachment Method** | Plastic push pins and compression springs |
| **TIM (Thermal Interface Material)** | T412 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. pushPIN™ Attachment System
This part uses a specialized **pushPIN™** system. In electronics assembly, this is crucial because:
* It ensures a consistent **compression force** on the electronic chip, preventing physical damage while maximizing heat transfer.
* The hardware comes pre-assembled, reducing installation time on the production line.
#### B. Thermal Interface Material (TIM)
The heat sink comes with **T412** pre-applied to the base.
* **Purpose:** It fills microscopic air gaps between the component and the heat sink.
* **Advantage:** Eliminates the need for manual thermal paste application, ensuring a clean and reliable thermal bond.
#### C. Optimized Fin Design (Cross-Cut)
The "08" in the part number refers to a specific fin configuration.
* The fins are designed in a **cross-cut pattern**, which allows for multi-directional airflow.
* This is highly effective in electronic enclosures where the direction of the cooling fan's air might vary or be turbulent.
---
### 3. Applications in Electronics
This specific heat sink is commonly found in:
1. **Telecommunications Equipment:** High-speed routers and switches.
2. **Power Supplies:** Cooling power MOSFETs or IGBTs.
3. **Embedded Systems:** Industrial PCs where high reliability is required in a small footprint.
---
### 4. Part Number Breakdown
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **07D** | Series/Form Factor |
| **08** | Specific Fin height/density configuration |
| **C3** | Material and Color (Blue Anodized Aluminum) |
| **R0** | Revision/Packaging code |
- ⤷
What is the significance of the 'Blue Anodized' finish for heat sinks?
- ⤷ How does the pushPIN™ system compare to adhesive thermal tapes?
- ⤷ What is the weight of the ATS-07D-08-C3-R0 for PCB weight budget calculations?