ATS-07D-116-C2-R0
AI

The **ATS-07D-116-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the **blueICE™** series, specifically designed for cooling electronic components like CPUs, GPUs, and other high-heat-generating integrated circuits.
---
### 1. Technical Specifications
The following table outlines the physical and thermal properties of the component:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ / blueICE™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimension (L x W x H)** | 40.00 mm x 40.00 mm x 25.00 mm |
| **Thermal Resistance (Flow)** | 4.14 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 1.15 °C/W @ 700 LFM |
| **Weight** | 0.12 lbs (approx. 54g) |
---
### 2. Design Characteristics
#### **A. Fin Profile**
The part features a **Straight-Fin** design. This is optimized for high-airflow environments where air moves in a single direction. The fins provide a large surface area for heat dissipation without creating excessive backpressure.
#### **B. Attachment System (pushPIN™)**
Instead of using messy thermal adhesives or complex brackets, this part uses a **pushPIN™** system:
* **Spring-loaded:** Ensures even pressure across the chip surface for better thermal contact.
* **Easy Installation:** No specialized tools are required; the pins snap into pre-drilled holes on the PCB.
#### **C. Interface Material**
The unit usually comes with a pre-applied **Thermal Interface Material (TIM)** or is compatible with standard thermal pads/paste to bridge the gap between the heat source and the aluminum base.
---
### 3. Usage & Application
The ATS-07D-116-C2-R0 is typically used in the following electronic environments:
1. **Networking Hardware:** Routers, switches, and high-speed modems.
2. **Power Supplies:** Cooling MOSFETs or power regulators.
3. **Industrial PCs:** Compact computing modules that require passive or active cooling.
---
### 4. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Advanced Thermal Solutions (Brand)
* **07D:** Series/Designator
* **116:** Specific product identifier/profile
* **C2:** Material/Fin type (Aluminum / Blue Anodized)
* **R0:** Revision/Packaging status
- ⤷What is the difference between a straight-fin and a cross-cut fin heat sink?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can this heat sink be used with a fan for active cooling?