ATS-07D-125-C2-R0
AI

The **ATS-07D-125-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Feature | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Unducted)** | 8.92 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 1.93 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 50.00mm x 50.00mm x 30.00mm |
| **Attachment Method** | Push-Pin (Brass) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Breakdown of the Model Number
The part number follows a specific nomenclature used by ATS to identify the cooling capability and mounting style:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series designation (pushPIN™ system).
* **D**: Thermal performance category.
* **125**: Dimensional code (Refers to specific length/width combinations).
* **C2**: Indicates the material/finish (Aluminum with Blue Anodized finish).
* **R0**: Version or Revision code.
---
### 3. Key Electronic Functions
While the heat sink itself is a passive mechanical part, its role in an electronic circuit is critical:
1. **Thermal Dissipation**: It increases the surface area of the heat-generating component using a "fine pitch" fin design, allowing air to carry away heat more efficiently.
2. **Attachment Security**: The "pushPIN™" system uses a flexible attachment mechanism that provides precise pressure, ensuring optimal contact between the heat sink and the chip without damaging the PCB.
3. **Thermal Interface (TIM)**: The part comes with **T766** pre-applied. This is a phase-change material that fills microscopic air gaps between the component and the heat sink to maximize heat transfer.
---
### 4. Application Use-Cases
This specific heat sink is typically used in the following electronic environments:
* **Networking Equipment:** High-speed routers and switches.
* **Industrial Controls:** Power modules that generate significant heat.
* **Embedded Computing:** Single-board computers requiring reliable cooling in tight spaces.
- ⤷
What is the difference between ducted and unducted thermal resistance for this part?
- ⤷ How does the push-pin attachment mechanism work compared to adhesive tapes?
- ⤷ Are there alternative finishes to the Blue Anodized coating for better performance?