ATS-07D-135-C2-R0
AI

The **ATS-07D-135-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to ensure stability and longevity.
---
### Technical Specifications
The following table outlines the primary mechanical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Thermal Resistance** | 3.00°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 70.00mm x 70.00mm x 20.00mm |
| **Fin Style** | Fine-Pitch (Straight) |
---
### Key Design Features
1. **pushPIN™ Attachment:**
The "R0" designation refers to the specific attachment kit. This system uses a flexible spring-loaded mechanism that provides precise pressure for optimal thermal interface material (TIM) performance without damaging the PCB.
2. **Fine-Pitch Fins:**
The "D" in the part number indicates a specific fin density. This design maximizes surface area within a small footprint, making it ideal for high-airflow environments where space is limited.
3. **Blue Anodized Coating:**
Beyond aesthetics, the anodized surface increases thermal emissivity and provides electrical insulation and corrosion resistance to the aluminum base.
---
### Thermal Performance Data
*Note: Performance varies based on air velocity (Linear Feet per Minute).*
| Airflow Velocity (LFM) | 100 | 200 | 300 | 400 | 500 |
| :--- | :--- | :--- | :--- | :--- | :--- |
| **Resistance (°C/W) Unducted** | 3.00 | 1.46 | 1.05 | 0.85 | 0.73 |
| **Resistance (°C/W) Ducted** | 1.18 | 0.73 | 0.59 | 0.52 | 0.47 |
---
### Comparison to Similar Models
```json
{
"Model_Comparison": {
"ATS-07D-135-C2-R0": "70x70x20mm (Standard)",
"ATS-07D-136-C2-R0": "70x70x25mm (Higher Profile)",
"ATS-07E-135-C2-R0": "70x70x20mm (Different Fin Pitch)"
}
}
```
- ⤷
What is the recommended Thermal Interface Material (TIM) for this heat sink?
- ⤷ How does the push-pin mounting system compare to adhesive-based mounting?
- ⤷ What is the maximum TDP this heat sink can handle at 400 LFM?