AI

The **ATS-07D-138-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic integrated circuits (ICs) like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Parameter | Specification |
| :--- | :--- |
| **Product Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Fin Type** | Fine-Pitch (Straight Fin) |
| **Thermal Resistance (Flow)** | 12.22 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 25.0mm x 25.0mm x 15.0mm |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Key Electronic Features
#### A. Thermal Performance
This heatsink is engineered for high-density electronic packaging. The **Fine-Pitch** design maximizes the surface area within a small 25mm footprint, allowing it to handle significant heat loads in environments with low to medium airflow.
#### B. Attachment Mechanism (Push-Pin)
Unlike adhesive-based heatsinks, the `ATS-07D-138-C3-R0` uses a mechanical push-pin system.
* **Security:** Provides a consistent, high-pressure connection between the heatsink and the component.
* **Ease of Assembly:** Features a pre-assembled "push-pin" that snaps into holes on the PCB.
* **Compatibility:** The brass pins are durable and designed for 20mm hole-to-hole spacing.
#### C. Thermal Interface Material (TIM)
The part comes pre-applied with **T412 thermal grease**. This is critical for electronics because it fills microscopic air gaps between the IC and the heatsink, significantly reducing thermal resistance at the contact point.
---
### 3. Typical Applications
This specific model is commonly used in:
1. **Networking Hardware:** Routers, switches, and small-form-factor servers.
2. **Embedded Systems:** Industrial PCs where mechanical vibration might dislodge adhesive heatsinks.
3. **Power Supplies:** Cooling voltage regulators or power transistors.
---
### 4. Cross-Reference & Mounting Data
```json
{
"Part_Number": "ATS-07D-138-C3-R0",
"Pitch": "Fine-Pitch",
"Pattern": "Square",
"Mounting_Hole_Spacing": "20.0mm",
"Spring_Type": "Compression Spring"
}
```
- ⤷
What are the advantages of push-pin mounting over thermal adhesive?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the weight of the ATS-07D-138-C3-R0 for vibration calculations?