ATS-07D-148-C3-R0
AI

The **ATS-07D-148-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from electronic integrated circuits (ICs) such as CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Spring-loaded) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Pitch (Fin Spacing)** | COARSE-PITCH |
| **Thermal Interface Material** | T412 (Pre-applied) |
---
### 2. Physical Design and Functionality
#### Heat Sink Geometry
* **Fin Type:** This model uses a **Straight Fin** design optimized for **Coarse-Pitch** airflow. This makes it ideal for environments where there is moderate air movement provided by a cooling fan.
* **Thermal Conductivity:** Made from Aluminum 6063, which provides an excellent balance between structural rigidity and thermal dissipation efficiency.
#### Attachment Mechanism (Push-Pin)
* **Components:** Uses a plastic or brass push-pin with a stainless steel spring.
* **Function:** The push-pin is inserted through pre-drilled holes in the PCB. The spring provides consistent pressure, ensuring maximum contact between the heat sink base and the electronic component.
#### Thermal Interface Material (TIM)
* The **T412** coating is pre-applied to the base. This is a high-performance thermal pad/paste that fills microscopic air gaps between the chip and the heat sink to reduce thermal resistance.
---
### 3. Thermal Performance Indicators
Thermal performance is measured by the temperature rise over the ambient environment per watt of power ($\Delta T / W$).
| Airflow Velocity | Thermal Resistance (Unducted) |
| :--- | :--- |
| **@1.0 m/s (200 LFM)** | 4.90 °C/W |
| **@2.0 m/s (400 LFM)** | 2.73 °C/W |
| **@3.0 m/s (600 LFM)** | 2.09 °C/W |
---
### 4. Summary of Use Cases
* **Microprocessors/BGA Components:** Used on chips measuring roughly 30mm to 35mm.
* **Telecommunications:** Cooling of line cards and networking switches.
* **Embedded Systems:** Industrial PCs where vibration resistance (provided by the push-pin) is necessary.
- ⤷
What are the PCB hole requirements for the ATS-07D-148-C3-R0 push-pins?
- ⤷ How does the T412 interface material compare to T766 in terms of performance?
- ⤷ Can this heat sink be used in a natural convection (no fan) environment?