ATS-07D-171-C2-R0
AI

The **ATS-07D-171-C2-R0** is a high-performance heat sink manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for the cooling of electronic components, specifically integrated circuits (ICs) like CPUs, GPUs, and FPGAs.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal properties of the component:
| Feature | Specification |
|:---|:---|
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions (L x W x H)** | 30mm x 30mm x 20mm |
| **Thermal Resistance** | 7.33°C/W (at 200 LFM) |
| **Attachment Method** | pushPIN™ |
| **Shape** | Square (Straight Fin) |
| **Base Type** | Flat |
---
### 2. Key Electronic Features
While the heat sink itself is a passive mechanical part, its design is engineered for specific electronic environments:
* **pushPIN™ Attachment:** This model uses a specialized attachment system consisting of a brass pin and a stainless steel spring. This ensures a precise, high-pressure fit against the electronic chip, which optimizes the thermal interface material (TIM) performance.
* **Straight Fin Design:** The fins are aligned to allow airflow to pass through efficiently. It is optimized for **forced air cooling** environments (where fans are present).
* **Blue Anodized Coating:** The anodization is not just for aesthetics; it provides surface protection and slightly increases emissivity, which aids in radiant heat transfer.
* **Thermal Performance Curve:** The efficiency of this part is highly dependent on airflow (measured in Linear Feet per Minute - LFM):
* **Low Airflow (200 LFM):** ~7.33°C/W
* **High Airflow (800 LFM):** ~2.90°C/W
---
### 3. Compatible Application Areas
This part is commonly found in the following electronic assemblies:
1. **Network Switches/Routers:** Cooling high-speed processing chips.
2. **Embedded Systems:** For industrial motherboards where vertical space is limited to 20mm.
3. **Power Supplies:** Cooling MOSFETs or power ICs.
4. **Telecommunications:** Used in base stations where high reliability is required.
---
### 4. Part Number Breakdown
```text
ATS - 07 D - 171 - C2 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Thermal Interface Material/Color (Blue Anodized)
| | +-------------- Part ID (Dimensions/Fin Profile)
| +-------------------- Fin Pitch/Series (pushPIN Series)
+-------------------------- Manufacturer (Advanced Thermal Solutions)
```
- ⤷What type of Thermal Interface Material (TIM) is typically recommended for the ATS-07D-171-C2-R0?
- ⤷ How do I calculate the required airflow (LFM) for this specific heat sink?
- ⤷ Are there low-profile alternatives if the 20mm height is too tall for my PCB?