ATS-07D-206-C2-R0
AI

The **ATS-07D-206-C2-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Base Dimensions** | 54.00 mm x 54.00 mm |
| **Height** | 6.00 mm (Low Profile) |
| **Thermal Resistance** | 7.71° C/W (@ 1.0 m/s airflow) |
| **Fin Type** | Straight Fin |
---
## 2. Component Composition
This part is more than just a block of metal; it consists of a system of sub-parts:
### A. The Heatsink Body
Made from **AL6063 aluminum**, it offers high thermal conductivity. The "Straight Fin" design allows for efficient airflow in one direction, making it ideal for systems with forced-air cooling (fans).
### B. Thermal Interface Material (TIM)
The "C2" in the part number indicates that the heatsink comes pre-applied with **T766 thermal phase change material**. This eliminates the need for external thermal paste and ensures a low-resistance path between the electronic chip and the metal.
### C. Attachment Mechanism (Push-Pins)
The "R0" designation refers to the mounting hardware. It uses a **push-pin and spring** system:
* **Springs:** Provide consistent downward pressure to ensure the TIM stays in contact with the chip.
* **Push-Pins:** Designed to fit into standard PCB (Printed Circuit Board) holes for secure mechanical fastening.
---
## 3. Ideal Applications
Due to its **6mm low profile**, this heatsink is specifically designed for space-constrained electronic environments:
* **Networking Equipment:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs where vertical clearance is minimal.
* **Telecom:** Small cell base stations or server blades.
---
- ⤷
What is the significance of the 'Blue Anodized' finish in thermal management?
- ⤷ Can this heatsink be used in passive cooling environments without a fan?
- ⤷ What are the PCB hole diameter requirements for the ATS push-pin system?