ATS-07D-29-C3-R0
AI

The **ATS-07D-29-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "pushPIN™" series, designed for cooling electronic components like CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Resistance** | 7.66 °C/W (at 100 LFM) |
| **Flow Direction** | Vertical (Cross-cut) |
| **Overall Dimensions** | 45mm x 45mm x 20mm |
---
### 2. Physical Design Features
* **Cross-Cut Fin Pattern:** The design features a square-fin or "cross-cut" pattern. This allows for high airflow efficiency as it can accept air from multiple directions, unlike straight-fin heat sinks.
* **Push-Pin Attachment:** Instead of messy adhesives or simple clips, this uses a spring-loaded push-pin mechanism. This ensures:
* **Consistent Pressure:** Even contact across the electronic component.
* **Durability:** Better resistance to vibration and mechanical shock.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized finish increases surface emissivity, which improves heat dissipation via radiation.
---
### 3. Thermal Performance Profile
The effectiveness of the ATS-07D-29-C3-R0 depends on the airflow (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 | 7.66 |
| 200 | 2.65 |
| 300 | 1.62 |
| 400 | 1.25 |
| 500 | 1.05 |
---
### 4. Integration with Electronics
In an electronic assembly, this part is typically used with:
1. **Thermal Interface Material (TIM):** A pad or paste (like Chomerics T766) is placed between the chip and the heat sink to fill microscopic air gaps.
2. **PCB Mounting Holes:** The PCB must have specific drill holes to accommodate the push-pins (usually 3.175mm diameter).
3. **Active Cooling:** While it can work in passive environments, it is optimized for systems with internal fans.
- ⤷
What are the specific PCB hole requirements for the pushPIN attachment?
- ⤷ How does 'Blue Anodized' compare to 'Black Anodized' in thermal emissivity?
- ⤷ Can this heat sink be used with a 40mm fan directly mounted?