ATS-07D-36-C3-R0
AI

The **ATS-07D-36-C3-R0** is a high-performance electronic thermal management component. Specifically, it is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "push-pin" attachment series.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Dimensions (L x W)** | 36.83mm x 36.83mm |
| **Height** | 15.00mm |
| **Thermal Resistance** | 14.90 °C/W (at 1.0 m/s airflow) |
| **Fin Style** | Straight Fin |
---
### 2. Component Breakdown
The part number follows a specific nomenclature used by ATS to define the assembly's parts:
1. **ATS-07**: Refers to the specific series and hole pattern for the push-pin mounting.
2. **D**: Typically indicates the attachment hole spacing (e.g., diagonal distance).
3. **36**: Refers to the base size (approximately 36mm).
4. **C3**: Indicates the height and thermal performance profile (15mm height).
5. **R0**: Refers to the specific revision or packaging style (standard blue anodized).
---
### 3. Key Electronic Functions
* **Heat Dissipation:** This part is a passive cooling component designed to pull heat away from surface-mount devices (SMDs) such as BGA (Ball Grid Array) processors, FPGAs, or GPUs.
* **Mechanical Security:** Unlike adhesive-based heat sinks, the push-pin and spring mechanism provides **consistent pressure**, which improves the contact between the thermal interface material (TIM) and the electronic chip.
* **Airflow Efficiency:** The straight-fin design is optimized for environments with consistent directional airflow, allowing air to pass through the channels and carry heat away.
---
### 4. Installation Requirements
To use this part on a Printed Circuit Board (PCB), the following must be present:
* **Pre-drilled Holes:** The PCB must have two specific holes to accommodate the brass push-pins.
* **Thermal Interface Material (TIM):** A thermal pad or grease must be applied between the bottom of the heat sink and the top of the electronic component to bridge microscopic air gaps.
---
- ⤷What is the hole-to-hole spacing required for this heat sink?
- ⤷ What are the advantages of push-pin mounting over thermal tape?
- ⤷ Does this model come with pre-applied thermal interface material?