ATS-07D-40-C3-R0
AI

The **ATS-07D-40-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific part:
| Attribute | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 15mm |
| **Thermal Resistance** | 14.71°C/W (Unducted Flow @ 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **TIM (Interface Material)** | T412 (High performance) |
---
### 2. Key Design Features
#### A. Fin Geometry (Cross-Cut)
The ATS-07 series utilizes a **cross-cut** fin design. Unlike straight fins, cross-cut fins allow for multi-directional airflow, which is critical in dense PCB environments where air might not flow in a perfectly straight path.
#### B. Push-Pin Attachment
This part features a mechanical push-pin system. This is superior to adhesive tapes because:
* It provides constant **pressure** (preload) for better thermal contact.
* It is more reliable under high-vibration or high-temperature conditions.
* The pins are designed for specific hole patterns on the PCB.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates it comes pre-applied with **T412**, a high-performance thermal pad. This ensures that there are no air gaps between the heat source and the aluminum base, maximizing heat transfer.
---
### 3. Understanding the Part Number (Suffixes)
* **07**: Series designation (pushPIN™).
* **D**: Material/Finish variant.
* **40**: Specific dimension/geometry code.
* **C3**: Thermal Interface Material type (T412).
* **R0**: RoHS compliance status and revision.
---
### 4. Application Use-Case
This heat sink is typically used for:
1. **Networking Hardware:** Routers and switches with mid-range processing chips.
2. **Embedded Systems:** Industrial PCs where space is limited but cooling is critical.
3. **Power Electronics:** Cooling MOSFETs or Voltage Regulators (VRMs) that generate significant heat in a small footprint.
- ⤷
How do I calculate if the 14.71\u00b0C/W thermal resistance is sufficient for my chip's TDP?
- ⤷ What are the specific PCB hole dimensions required for the push-pin mounting?
- ⤷ How does 'Blue Anodized' finishing affect the thermal performance compared to bare aluminum?