ATS-07D-44-C3-R0
AI

The **ATS-07D-44-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
This part belongs to the **pushPIN™** Heat Sink Assembly series, known for its standardized mounting and high thermal efficiency.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Body), Copper (Thermal Interface) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded bolts) |
| **Thermal Resistance (Unducted)** | 20.60 °C/W @ 100 LFM |
| **Thermal Resistance (Ducted)** | 3.40 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 40mm x 40mm x 15mm |
| **Fin Pitch** | Fine-Pitch |
| **Fin Pattern** | Straight |
---
### 2. Key Electronic Components & Features
The "parts" of this assembly include several integrated components that ensure it functions correctly within a circuit:
#### A. The Heat Sink Body
The main body is made of high-grade aluminum. It uses a **Fine-Pitch Straight-Fin** design. In electronics, the high surface area allows heat to be transferred from the semiconductor junction to the surrounding air via convection.
#### B. The pushPIN™ Attachment
Unlike adhesive tapes, this part uses a mechanical attachment system:
* **Steel Springs:** Provide consistent pressure (force) to ensure maximum contact between the chip and the heat sink.
* **Plastic or Brass Pins:** Secure the assembly through pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The "C3" in the part number indicates the specific thermal interface. It usually comes pre-applied with a **Phase Change Material (PCM)** or high-conductivity thermal grease. This fills the microscopic air gaps between the component and the heat sink to reduce thermal impedance.
---
### 3. Application Use Cases
* **Telecommunications:** Cooling of high-speed networking chips.
* **Power Supplies:** Heat dissipation for MOSFETs and Voltage Regulators.
* **Embedded Systems:** Industrial PCs where space is limited (15mm height).
---
### 4. Part Number Breakdown
```text
ATS - 07 D - 44 - C3 - R0
| | | | |
| | | | +-- Revision Code
| | | +------- Thermal Interface Material (Pre-Applied)
| | +------------ Heat Sink Dimension/Height Code
| +------------------- Fin Style/Pitch
+------------------------ Manufacturer (Advanced Thermal Solutions)
```
- ⤷
What are the specific PCB hole requirements for the pushPIN mounting system?
- ⤷ How does the thermal resistance change as airflow (LFM) increases?
- ⤷ Is there a version of this heat sink with a different height profile?