ATS-07D-47-C3-R0
AI

The **ATS-07D-47-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "pushPIN™" series, designed for efficient heat dissipation in compact electronic systems.
### 1. Technical Specifications
The following table highlights the physical and thermal properties of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 12.5mm |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Fin Type** | Fine Pitch |
| **Fin Pattern** | Straight |
| **Thermal Resistance** | 11.58 °C/W (@ 100 LFM / 0.5 m/s) |
| **Weight** | ~40 grams |
---
### 2. Key Design Features
* **PushPIN™ Attachment:** This mechanism uses a spring-loaded brass pin to ensure constant, reliable pressure between the heat sink and the electronic component (CPU, GPU, or FPGA), maximizing thermal transfer.
* **Low Profile:** At only 12.5mm in height, it is designed for environments where vertical space is limited, such as 1U rack servers or thin client hardware.
* **Material Efficiency:** The aluminum construction provides a balance between lightweight design and high thermal conductivity. The Blue Anodized finish increases surface emissivity and provides corrosion resistance.
---
### 3. Thermal Performance Metrics
Thermal resistance indicates how effectively the part moves heat away from the silicon. Performance varies based on the airflow (Linear Feet per Minute):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.58 |
| 300 (1.5 m/s) | 4.45 |
| 500 (2.5 m/s) | 3.14 |
| 700 (3.5 m/s) | 2.58 |
---
### 4. Typical Applications
1. **Telecommunications:** Cooling of networking switches and routers.
2. **Embedded Systems:** Industrial PCs and controllers.
3. **Consumer Electronics:** High-speed modems or small-form-factor media players.
4. **Power Supplies:** Cooling of MOSFETs or voltage regulators.
- ⤷
What are the benefits of using a Blue Anodized finish compared to standard aluminum?
- ⤷ How do I determine the correct hole pattern on my PCB for the pushPIN attachment?
- ⤷ Is this heat sink compatible with standard 45mm x 45mm chipsets?