ATS-07D-49-C3-R0
AI

The **ATS-07D-49-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is specifically designed for cooling electronic components such as CPUs, GPUs, and power modules.
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions and thermal properties.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Dimensions (L x W x H)** | 25mm x 25mm x 20mm |
| **Thermal Resistance** | 2.72°C/W (at 200 LFM) |
| **Fin Pattern** | Fine Pitch (Cross-cut) |
| **Thermal Interface Material** | T412 (Phase change material) |
---
### 2. Key Electronic Components & Design Features
#### A. The pushPIN™ Attachment System
The "R0" suffix indicates the use of the **pushPIN™** system. This is a mechanical mounting mechanism consisting of a flexible spring and a plastic pin.
* **Purpose:** It ensures a precise, high-pressure contact between the heat sink and the electronic chip.
* **Benefit:** Provides a secure fit that is resistant to vibration, which is critical for industrial or automotive electronics.
#### B. Cross-Cut Fin Design
Unlike standard straight-fin heat sinks, the ATS-07D-49-C3-R0 features a cross-cut (mini-pin) fin pattern.
* **Airflow:** This design allows for multi-directional airflow, meaning it can dissipate heat effectively regardless of which direction the cooling fan is blowing.
* **Efficiency:** Increases the surface area to volume ratio, maximizing cooling in a small 25mm footprint.
#### C. Thermal Interface Material (TIM)
The base of this heat sink comes pre-applied with **T412**.
* **Function:** It fills the microscopic air gaps between the component (chip) and the heat sink.
* **Performance:** T412 is a high-performance material that offers low thermal impedance, ensuring heat moves efficiently from the silicon into the aluminum fins.
---
### 3. Application Use Cases
This specific part is generally used for small-form-factor electronics where space is limited but heat generation is high:
1. **Network Switches:** Cooling high-speed processing chips.
2. **Embedded Systems:** For industrial PC components that operate in enclosed environments.
3. **Power Converters:** Managing heat in DC-DC voltage regulators.
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM (Linear Feet per Minute) for this heat sink?
- ⤷ Can the pushPIN attachment be reused if the component is replaced?