ATS-07D-50-C3-R0
AI

The **ATS-07D-50-C3-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push pin" series designed specifically for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Parameter | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push Pin (Brass) |
| **Spring Type** | Compression Spring |
| **Thermal Resistance** | 19.21°C/W (Unducted Flow @ 200 LFM) |
| **Dimensions (L x W x H)** | 35.00mm x 35.00mm x 15.00mm |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by Advanced Thermal Solutions:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series designation (Push Pin attachment).
* **D**: Material/Color code (typically relates to the specific aluminum grade and blue anodized finish).
* **50**: Length/Width dimension indicator (35mm x 35mm in this context).
* **C3**: Height code (15mm).
* **R0**: Revision or specific packaging/finish indicator.
---
### 3. Key Features & Components
#### A. Thermal Performance
The heat sink features a **fine-pitch fin design** (typically straight fins), which maximizes the surface area for heat dissipation. This makes it ideal for high-density PCB layouts where airflow may be limited.
#### B. Attachment Mechanism
Instead of using messy adhesives or thermal tape, this model uses a **push-pin and spring system**.
* **Brass Push Pins:** Ensure a secure fit into pre-drilled holes on the PCB.
* **Compression Springs:** Provide consistent pressure across the component surface, ensuring optimal thermal contact and preventing the heat sink from shifting during vibration.
#### C. Thermal Interface Material (TIM)
The unit comes with **T412** pre-applied to the base. T412 is a high-performance thermal pad that fills microscopic air gaps between the component and the heat sink, significantly reducing thermal resistance.
#### D. Blue Anodized Finish
The blue anodization is not just for aesthetics; it provides **corrosion resistance** and improves the emissivity of the surface, slightly enhancing radiative heat transfer.
---
### 4. Applications
* **Embedded Systems:** Cooling for ARM-based processors.
* **Networking:** Used on switches and routers for ASICs and FPGAs.
* **Power Electronics:** Small voltage regulators and power modules.
- ⤷
What are the PCB hole diameter requirements for the ATS-07D-50-C3-R0 push pins?
- ⤷ How does the T412 thermal interface material compare to standard thermal grease?
- ⤷ Can this heat sink be used in a passive cooling environment without fans?