Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07D-52-C1-R0

  • AI
    The **ATS-07D-52-C1-R0** is a specific electronic cooling component, categorized as a **High-Performance Heat Sink**. It is manufactured by Advanced Thermal Solutions (ATS) and belongs to their "blue ice" or high-performance push-pin series. --- ## 1. Technical Specifications The part is designed primarily for cooling integrated circuits (ICs), such as BGA (Ball Grid Array) components, CPUs, or GPUs in space-constrained environments. | Feature | Specification | | :--- | :--- | | **Material** | Aluminum | | **Finish** | Blue Anodized | | **Attachment Method** | Push-Pin (Plastic) | | **Spring Type** | Compression Spring | | **Dimensions (L x W)** | 45mm x 45mm | | **Height** | 15mm | | **Thermal Resistance** | ~3.47 °C/W (at 200 LFM) | | **Fin Style** | Straight Fin | --- ## 2. Component Breakdown ### A. The Heat Sink Body The body is made of extruded aluminum. The **straight-fin** design is optimized for environments where there is a consistent directional airflow (forced convection). The blue anodized coating is not just aesthetic; it provides surface protection and slightly improves emissivity. ### B. Attachment Mechanism (Push-Pins) Unlike adhesive-based heat sinks, the **R0** suffix indicates a push-pin attachment system: * **Ease of Use:** Allows for consistent pressure across the chip surface. * **Repairability:** It can be removed and reapplied without damaging the PCB (unlike thermal epoxy). * **Alignment:** Requires pre-drilled holes in the PCB. ### C. Thermal Interface Material (TIM) Typically, these units come with a pre-applied **Thermal Tape** or **Phase Change Material** on the base. This fills the microscopic air gaps between the heat sink and the electronic chip to maximize heat transfer. --- ## 3. Thermal Performance Metrics Thermal resistance indicates how effectively the part moves heat away from the electronics. * **Low Airflow (200 LFM):** ~3.47 °C/W * **High Airflow (500 LFM):** ~1.75 °C/W *Note: Lower numbers are better, as they indicate less temperature rise per watt of power generated by the chip.* --- ## 4. Common Applications * **Telecommunications:** Cooling network switch processors. * **Embedded Systems:** Industrial PCs and automation controllers. * **Consumer Electronics:** High-end routers or gaming peripherals.
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole diameter requirements for the ATS-07D-52-C1-R0 push-pins?
    • ⤷ How does the straight fin design compare to a cross-cut or pin-fin design?
    • ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?