ATS-07D-52-C3-R0
AI

The **ATS-07D-52-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **blueICE™** series and is designed for high-density electronic cooling applications.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of the component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 1.12°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 25mm x 25mm x 25mm |
| **Fin Style** | Straight Fin |
| **Pressure Requirement** | High Pressure (optimized for 200+ LFM) |
---
### 2. Key Electronic Parts & Design Features
#### A. The pushPIN™ Attachment System
One of the defining "parts" of this assembly is the mounting mechanism.
- It uses a **spring-loaded push-pin** system.
- This ensures a constant, predefined pressure (C3 indicates a specific spring force) onto the electronic component (CPU, GPU, or FPGA).
- The "C3" in the part number refers to the **spring material/tension**, ensuring optimal thermal interface material (TIM) contact without damaging the PCB.
#### B. The Fin Geometry
- This model uses a **straight fin** design.
- Straight fins are ideal for "ducted" airflow where the direction of the air is predictable.
- The 25mm height allows for a large surface area relative to its small 25x25mm footprint, making it suitable for compact power modules.
#### C. Thermal Interface Material (TIM)
- The part typically comes pre-applied with **T766** or a similar high-performance thermal grease or pad on the base.
- This "part" of the assembly is critical for filling microscopic air gaps between the heat sink and the electronic chip.
---
### 3. Application Use Cases
This specific heat sink is commonly found in:
1. **Telecommunications equipment** (Routers/Switches).
2. **Embedded Systems** where board space is limited.
3. **Power Supplies** requiring localized cooling for MOSFETs or VRMs.
---
### 4. Part Number Breakdown (Nomenclature)
To understand the electronic specifications from the name alone:
`ATS - 07 D - 52 - C3 - R0`
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series designation.
* **D**: Fine pitch/Standard pitch indicator.
* **52**: Specific dimension/fin configuration code.
* **C3**: Spring kit type (Force/Tension).
* **R0**: RoHS compliance status (Lead-free).
- ⤷
What is the difference between straight fin and cross-cut fin heat sinks?
- ⤷ How do I calculate the required LFM for this specific heat sink?
- ⤷ Can the pushPIN system be reused on different PCB thicknesses?