ATS-07D-53-C1-R0
AI

The **ATS-07D-53-C1-R0** is a high-performance electronic thermal management component. Specifically, it is a **Heatsink** designed for cooling integrated circuits (ICs) and other electronic components.
Below is a detailed breakdown of its technical specifications and physical characteristics.
---
### 1. General Specifications
The part belongs to the **pushPIN™** series by Advanced Thermal Solutions (ATS).
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-07D-53-C1-R0 |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
---
### 2. Physical Dimensions
Precision in dimensions is critical for ensuring the heatsink fits within the PCB layout and clears surrounding components.
| Dimension | Measurement |
| :--- | :--- |
| **Width / Length** | 35.00 mm x 35.00 mm |
| **Height (Fin Height)** | 30.00 mm |
| **Pitch (Hole spacing)** | 40.00 mm |
| **Weight** | ~50 grams |
---
### 3. Thermal Performance
Thermal resistance determines how effectively the part dissipates heat away from the semiconductor.
* **Thermal Resistance (Unducted Flow):** 8.50 °C/W @ 100 LFM
* **Thermal Resistance (Ducted Flow):** 2.00 °C/W @ 100 LFM
* **Airflow Direction:** Horizontal (Cross-cut design allows for omnidirectional airflow).
---
### 4. Mounting & Interface
The "C1" and "R0" suffixes in the part number refer to the assembly kit and material types.
* **Attachment:** Uses a **Push-Pin** mechanism with a brass or plastic pin and a stainless steel spring to provide consistent pressure (TIM compression).
* **Thermal Interface Material (TIM):** This specific model typically comes pre-applied with **T766** (a high-performance thermal phase change material or grease).
* **Hardware:** Includes 2-piece push-pin sets for secure PCB mounting.
---
### Summary of Benefits
1. **High Aspect Ratio:** The fins are designed to maximize surface area within a small footprint.
2. **Pre-assembled:** Comes with the attachment hardware, reducing assembly time on the production line.
3. **Reliability:** The spring-loaded mechanism ensures that the heatsink maintains contact with the chip even under mechanical vibration.
- ⤷
What is the difference between ducted and unducted thermal resistance?
- ⤷ How do I calculate if this heatsink is sufficient for my 10W processor?
- ⤷ Are there alternative mounting options if my PCB lacks holes?