ATS-07D-55-C3-R0
AI

The **ATS-07D-55-C3-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. It is designed to dissipate heat from electronic components like CPUs, GPUs, or FPGAs.
### 1. Technical Specifications
The following table outlines the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) with Spring |
| **Dimensions (L x W x H)** | 40mm x 40mm x 10mm |
| **Thermal Resistance** | 24.11°C/W (at 100 LFM) |
| **Fin Pattern** | Straight Fin |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Key Components & Design Features
#### A. The Heatsink Body
* **Material:** Made of high-grade aluminum for a balance between weight and thermal conductivity.
* **Low Profile:** With a height of only 10mm, it is designed for low-clearance environments such as 1U servers or compact embedded systems.
* **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides increased corrosion resistance and slightly improves radiant heat transfer.
#### B. The Mounting Mechanism (Push-Pin)
* **Hardware:** It utilizes two plastic push-pins and compression springs.
* **Benefit:** This provides consistent pressure across the component surface, ensuring optimal contact. It also makes installation faster and tool-less compared to screw-based mounts.
* **Hole Pattern:** Designed for specific PCB hole spacings (usually measured diagonally).
#### C. Thermal Interface Material (TIM)
* **Type:** Pre-applied **T412** phase-change material.
* **Function:** This material fills the microscopic air gaps between the component (chip) and the heatsink base, significantly reducing thermal resistance at the contact point.
---
### 3. Application Use Cases
This part is typically used in the following electronic assemblies:
* **Networking Gear:** Routers, switches, and bridges.
* **Power Supplies:** Cooling voltage regulators or power transistors.
* **Industrial PCs:** Cooling chips in fanless or low-airflow enclosures.
---
- ⤷What is the specific PCB hole diameter required for the ATS-07D-55-C3-R0 push-pins?
- ⤷ How does the thermal resistance change at higher airflow rates like 500 LFM?
- ⤷ Are there copper versions of this heatsink available for higher heat loads?