ATS-07D-63-C1-R0
AI

The **ATS-07D-63-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the "push-pin" series designed for securing the cooling solution to a Printed Circuit Board (PCB).
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define its physical and thermal characteristics:
| Property | Specification | Details |
| :--- | :--- | :--- |
| **Series** | pushPIN™ | Uses a spring-loaded attachment mechanism |
| **Material** | Aluminum | Lightweight with high thermal conductivity |
| **Finish** | Blue Anodized | Increases surface emissivity and prevents corrosion |
| **Dimensions (L x W)** | 40mm x 40mm | Standard square footprint for ICs |
| **Height (H)** | 20.00 mm | The vertical clearance required |
| **Fin Style** | Straight | Optimized for longitudinal airflow |
| **Attachment** | Push-Pin | Plastic or Brass pins with springs |
---
### 2. Thermal Performance
Heat sinks are rated by their thermal resistance (measured in °C/W). Lower values indicate better heat dissipation.
* **Unducted Flow:** Approximately **12.27 °C/W** at 100 LFM (Linear Feet per Minute).
* **Ducted Flow:** Approximately **2.48 °C/W** at 100 LFM.
* **Optimal Use:** This part is designed for systems with active airflow (fans) rather than passive cooling.
---
### 3. Key Electronic Components & Features
#### A. The Push-Pin Mechanism
Unlike adhesive-based heat sinks, the `-R0` suffix indicates a specific mounting kit.
* **Pre-assembled:** Comes with the push-pin and spring.
* **Reliability:** Provides consistent pressure (clamping force) on the high-power component (CPU, GPU, or FPGA), ensuring the Thermal Interface Material (TIM) works effectively.
#### B. Thermal Interface Material (TIM)
* **Pre-applied:** This specific model usually comes with **ATS-PPS-07** (or similar) pre-applied phase-change material or thermal grease on the base.
* **Function:** Fills microscopic air gaps between the component die and the heat sink base to maximize heat transfer.
#### C. Aluminum 6063
* The use of 6063-grade aluminum provides a balance between thermal conductivity and structural integrity.
---
### 4. Summary Table of Application
| Category | Typical Application |
| :--- | :--- |
| **Target ICs** | BGA, FPGA, Microprocessors |
| **Airflow Direction** | Horizontal / Linear |
| **PCB Attachment** | Through-hole (requires 3.175mm holes) |
| **Compliance** | RoHS and REACH Compliant |
---
- ⤷What is the difference between ducted and unducted airflow performance for this heat sink?
- ⤷ Does this model require specific hole spacing on the PCB for mounting?
- ⤷ What are the advantages of blue anodized finishes in electronic cooling?