ATS-07E-101-C3-R0
AI

The **ATS-07E-101-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the **maxiFLOW™** series, designed to provide efficient cooling for electronic components like BGAs, CPUs, and GPUs.
---
## 1. Technical Specifications
The following table summarizes the key physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | maxiFLOW™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Brass Pins) |
| **Thermal Resistance (Flow)** | 6.77 °C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 40.00mm x 40.00mm x 30.00mm |
| **Thermal Interface Material** | T766 (Pre-applied phase change material) |
---
## 2. Key Electronic & Design Components
### A. maxiFLOW™ Heat Sink Design
The "maxiFLOW" geometry features a flared fin structure. Unlike standard straight-fin heat sinks, this design increases the surface area for heat dissipation and improves airflow efficiency in constrained spaces. This is critical for preventing thermal throttling in high-speed processors.
### B. pushPIN™ Attachment System
This part uses a specific mechanical fastening system:
* **Compression Springs:** Provide precise pressure for maximum thermal contact.
* **Brass Pins:** Ensure secure attachment to the PCB through pre-drilled holes.
* **Reliability:** Unlike adhesive tapes, this mechanical bond is resistant to vibration and thermal expansion cycling.
### C. Thermal Interface Material (TIM)
The **C3** in the part number indicates the specific TIM used.
* **T766:** This is a high-performance thermal pad/paste pre-applied to the base.
* **Function:** It fills microscopic air gaps between the heat source (chip) and the aluminum base, significantly reducing contact resistance.
---
## 3. Part Number Breakdown
The part number follows a specific nomenclature:
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Advanced Thermal Solutions (Manufacturer) |
| **07E** | Specific series/design identifier |
| **101** | Size/Dimensions code (40x40x30mm) |
| **C3** | Thermal Interface Material (T766) |
| **R0** | RoHS Compliance status |
---
## 4. Typical Applications
This part is commonly used in the following electronic sectors:
* **Telecommunications:** Base stations and routers.
* **Data Centers:** Server motherboards and cooling for storage controllers.
* **Embedded Systems:** Industrial PCs where passive or semi-passive cooling is required.
- ⤷
What is the maximum power dissipation (Watts) this heat sink can handle?
- ⤷ Are there alternative mounting options if my PCB does not have pushPIN holes?
- ⤷ How does the blue anodized finish affect thermal performance compared to bare aluminum?