ATS-07E-129-C2-R0
AI

The part number **ATS-07E-129-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). This component is designed for thermal management of electronic components such as CPUs, GPUs, or power modules.
---
## Technical Specifications
The following table outlines the mechanical and thermal characteristics of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Body), Copper (Thermal Interface) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 54.00 mm x 54.00 mm |
| **Height (H)** | 10.00 mm |
| **Thermal Resistance** | 8.68°C/W (at 100 LFM) |
| **Attachment Method** | pushPIN™ (Spring-loaded pins) |
| **Interface Material** | T766 (High performance phase change) |
---
## Electronic & Design Features
### 1. Thermal Performance
This heat sink is engineered to dissipate heat from surface-mount components. The thermal resistance varies based on airflow:
* **Low Airflow (1.0 m/s):** ~8.68 °C/W
* **High Airflow (3.5 m/s):** ~2.32 °C/W
* **Fin Pitch:** The "XC" pattern design allows for multi-directional airflow, making it efficient for systems where the fan direction might not be perfectly aligned with the fins.
### 2. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, the `-R0` series uses a mechanical attachment system:
* **Compression Springs:** Ensures precise pressure is applied to the component, maximizing thermal contact.
* **Plastic/Brass Push Pins:** Provides a secure fit into pre-drilled holes on the PCB, preventing the heat sink from shifting during vibration or shipping.
### 3. Thermal Interface Material (TIM)
The part comes pre-applied with **T766**, a high-performance thermal interface. This eliminates the need for manual application of thermal paste and ensures a uniform, void-free connection between the component die and the heat sink base.
---
## Application Use Cases
* **Embedded Systems:** Cooling for small form-factor processors.
* **Networking Hardware:** Switches and routers where airflow may be turbulent.
* **Power Supplies:** Managing heat in MOSFETs or voltage regulators.
- ⤷
What are the PCB hole diameter requirements for the pushPIN attachment?
- ⤷ How does the 'Blue Anodized' finish affect the thermal emissivity of the part?
- ⤷ What is the weight of this heat sink for vibration sensitive applications?