Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07E-141-C2-R0

  • AI
    The **ATS-07E-141-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **pushPIN™** line, designed for efficient thermal management of electronic components like CPUs, GPUs, and other integrated circuits. --- ### 1. Technical Specifications The following table outlines the physical and thermal properties of this specific model: | Parameter | Specification | | :--- | :--- | | **Material** | Aluminum (AL6063) | | **Finish** | Blue Anodized | | **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 10.00mm | | **Fin Type** | Straight / Square | | **Attachment Type** | pushPIN™ (Spring-loaded) | | **Spring Type** | ATS-PPS-07 | | **Thermal Interface Material** | T766 (Pre-applied) | --- ### 2. Design and Engineering Features * **Thermal Performance:** The straight fin design is optimized for high-airflow environments. The aluminum construction ensures rapid heat dissipation from the component surface. * **PushPIN™ Mounting:** This system uses a flexible, spring-loaded mechanism. It provides a consistent and reliable pressure on the component, ensuring maximum contact with the Thermal Interface Material (TIM). * **T766 TIM:** The pre-applied thermal interface material eliminates the need for manual application, reducing assembly time and ensuring a high-quality bond between the chip and the heat sink. * **Compact Form Factor:** With a height of only 10mm, it is suitable for low-profile electronic enclosures or densely packed PCBs. --- ### 3. Thermal Resistance Ratings Thermal resistance determines how effectively the part moves heat away from the silicon. | Airflow Velocity (LFM) | 100 (0.5m/s) | 300 (1.5m/s) | 500 (2.5m/s) | 700 (3.5m/s) | | :--- | :---: | :---: | :---: | :---: | | **Resistance (°C/W) - Unducted** | 15.71 | 9.15 | 7.28 | 6.35 | | **Resistance (°C/W) - Ducted** | 8.48 | 6.35 | 5.41 | 4.86 | --- ### 4. Part Number Breakdown * **ATS:** Manufacturer (Advanced Thermal Solutions) * **07:** Push-pin attachment type * **E:** Material/Series indicator * **141:** Specific dimensions and fin configuration * **C2:** Thermal performance/Finish code * **R0:** RoHS compliance and revision status
    ✨ Follow-up Questions
    • ⤷ What are the PCB hole requirements for the ATS-PPS-07 spring attachment?
    • ⤷ How does 'ducted' vs 'unducted' airflow change the cooling efficiency?
    • ⤷ Is there a version of this heat sink with a higher profile for better dissipation?