ATS-07E-20-C2-R0
AI

The **ATS-07E-20-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Part Number** | ATS-07E-20-C2-R0 |
| **Heat Sink Type** | Push-Pin (BGA) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 7.14°C/W (at 1.0 m/s airflow) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Interface Material** | T766 (Phase Change Material) |
---
### 2. Physical Dimensions
Understanding the footprint is critical for PCB layout and clearance.
* **Length:** 45.00 mm
* **Width:** 45.00 mm
* **Height:** 25.00 mm
* **Fin Style:** Straight Fin (Cross-cut)
---
### 3. Key Electronic Components & Design Features
#### A. The Heat Sink Body
The body is made of high-grade aluminum. Aluminum is preferred in electronics for its excellent thermal conductivity-to-weight ratio. The **Blue Anodized** finish isn't just for aesthetics; it provides surface protection and slightly improves radiant heat emission.
#### B. The Push-Pin Attachment
The "-R0" suffix refers to the specific attachment kit. This part uses a **Push-Pin** mechanism with a compression spring. This ensures:
* **Consistent Pressure:** Even contact between the heat sink and the chip.
* **Reliability:** Secure mounting that resists vibration and mechanical shock.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766**. In electronics, the TIM is crucial because it fills microscopic air gaps between the component (e.g., a processor) and the heat sink, drastically lowering thermal resistance.
#### D. Cross-Cut Fin Design
The fins are designed with "cross-cuts." This allows for **Omni-directional airflow**, meaning the heat sink can be cooled effectively regardless of which direction the fan is blowing relative to the board layout.
---
### 4. Part Number Breakdown (Nomenclature)
| Segment | Meaning |
| :--- | :--- |
| **ATS** | Manufacturer (Advanced Thermal Solutions) |
| **07** | Series Identifier |
| **E** | Performance/Mounting variant |
| **20** | Height or Design specific code |
| **C2** | Thermal Performance class/material |
| **R0** | Revision/Packaging/Attachment kit |
- ⤷
What is the thermal resistance of this heat sink at higher airflow speeds?
- ⤷ Does this model require specific hole diameters on the PCB for the push-pins?
- ⤷ What are the alternatives to the T766 interface material for this part?