ATS-07E-32-C2-R0
AI

The **ATS-07E-32-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
Below are the primary technical parameters for this specific part number:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Series** | pushPIN™ |
| **Attachment Type** | Push-Pin (Plastic/Brass) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flowing Air)** | 1.17°C/W @ 100 LFM |
| **Dimensions (L x W x H)** | 54.00mm x 54.00mm x 15.00mm |
| **Fin Configuration** | Fine Pitch (Cross-Cut) |
---
### 2. Breakdown of the Part Number
The part number follows a specific nomenclature used by ATS to identify the physical and thermal properties of the unit:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Specific series/designator for the product family.
* **E**: Attachment type (Push-Pin variant).
* **32**: Physical size/geometry code.
* **C2**: Material and Thermal Interface Material (TIM). "C2" typically indicates the use of **T766** thermal phase change material.
* **R0**: RoHS compliance and revision status.
---
### 3. Key Electronic Functions
While the heat sink itself does not consume electricity, it is critical for the "Electronic Health" of a circuit:
1. **Thermal Dissipation**: It increases the surface area of the heat-generating component, allowing air to carry away heat more efficiently via convection.
2. **Protection**: By keeping the junction temperature ($T_j$) of a semiconductor below its maximum rating, it prevents thermal runaway and hardware failure.
3. **Mechanical Stability**: The **pushPIN™** system ensures a consistent and specific pressure (preload) is applied to the chip, which optimizes the contact between the heat sink and the component.
---
### 4. Mounting Mechanism
The **pushPIN™** system used in this model includes:
* A flexible spring-loaded pin.
* Pre-drilled holes in the PCB are required for installation.
* This design ensures that the thermal interface material is compressed evenly, maximizing heat transfer efficiency without damaging the delicate silicon die.
- ⤷
What are the airflow requirements to achieve the 1.17°C/W thermal resistance?
- ⤷ Does this model come with pre-applied thermal interface material (TIM)?
- ⤷ What is the pitch distance for the mounting holes on this heat sink?