ATS-07E-52-C2-R0
AI

The **ATS-07E-52-C2-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heatsink**. This part is designed for cooling electronic components like CPUs, GPUs, or high-power ICs.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Part Number** | ATS-07E-52-C2-R0 |
| **Product Type** | Heatsink (Push-Pin Mount) |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 35.0mm x 35.0mm x 25.0mm |
| **Fin Style** | Straight Fin (Extrusion) |
| **Thermal Resistance** | 10.79°C/W (at 100 LFM) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
---
### 2. Key Component Features
#### A. Attachment Mechanism (Push-Pins)
The "Push-Pin" design allows for a secure, tool-less installation. It uses a spring-loaded mechanism that creates a specific amount of pressure on the electronic component (TIM - Thermal Interface Material), ensuring optimal heat transfer without damaging the PCB.
#### B. Material and Finish
* **AL6063 Aluminum:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodized Coating:** This is not just for aesthetics; anodizing increases the surface area at a microscopic level and improves **emissivity**, allowing the part to radiate heat more effectively.
#### C. Thermal Performance
The efficiency of this part is measured by its **Thermal Resistance**. In an environment with low airflow (100 Linear Feet per Minute), it provides a resistance of 10.79°C/W. As airflow increases (e.g., via a system fan), this resistance drops significantly, allowing the device to dissipate more heat.
---
### 3. Usage Context
This part is typically found in:
1. **Telecommunications:** Networking switches and routers.
2. **Embedded Computing:** Industrial PC modules.
3. **Power Electronics:** Voltage regulators and power supplies.
---
### 4. Part Number Breakdown
* **ATS:** Advanced Thermal Solutions (Manufacturer).
* **07:** Indicates the specific product series.
* **E:** Denotes the fin pattern/density.
* **52:** Dimension code.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or Packaging code.
- ⤷
What is the ideal airflow speed for this heatsink to reach maximum efficiency?
- ⤷ How does the push-pin mounting compare to adhesive-based attachments?
- ⤷ Are there alternative finishes to blue anodized for better thermal radiation?