ATS-07F-07-C1-R0
AI

The **ATS-07F-07-C1-R0** is a specific electronic component manufactured by **Advanced Thermal Solutions (ATS)**. It belongs to the **push-pin heat sink** category, designed specifically for thermal management in electronic assemblies.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Heat Sink |
| **Material** | Aluminum (Black Anodized) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W x H)** | 45mm x 45mm x 12.7mm |
| **Thermal Resistance** | 16.97°C/W @ Unducted Flow |
| **Fin Style** | Fine-Pitch (Straight Fin) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Key Design Elements
#### A. The Fin Profile
The "07" in the series typically indicates a specific fin density and height (12.7mm). This low-profile design is ideal for systems with height constraints (like 1U servers or thin networking switches) where airflow is forced.
#### B. Push-Pin Attachment
Instead of using messy thermal epoxy or mechanical clips that require tools, this part uses a **spring-loaded push-pin** system.
* **Advantage:** Provides consistent pressure on the processor, ensuring optimal thermal contact.
* **Installation:** Requires pre-drilled holes in the Printed Circuit Board (PCB).
#### C. Thermal Interface Material (TIM)
The "C1" designation indicates that the heat sink comes with **T766 thermal grease** pre-applied to the base. This simplifies the assembly process on a production line.
---
### 3. Application Use Cases
This component is generally used to cool high-heat dissipation chips such as:
* **FPGAs** (Field Programmable Gate Arrays)
* **ASICs** (Application-Specific Integrated Circuits)
* **Network Processors** in routers and switches.
* **BGA Packages** where passive cooling is insufficient.
---
### 4. Cooling Performance Summary
Below is a simplified breakdown of how the part performs under different airflow conditions (measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 (1.0 m/s) | 7.56 |
| 400 (2.0 m/s) | 3.97 |
| 600 (3.0 m/s) | 2.85 |
*Note: Higher airflow significantly increases the efficiency of this specific straight-fin design.*
- ⤷
What are the PCB hole requirements for the push-pin mounting of the ATS-07F-07-C1-R0?
- ⤷ How does the T766 thermal interface material compare to other options like Phase Change Material?
- ⤷ Is there a taller version of this heat sink for better passive cooling?