Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

  • ATS-07F-111-C2-R1

  • AI
    The **ATS-07F-111-C2-R1** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure. --- ## 1. Technical Specifications The part number follows a specific nomenclature used by ATS to define the dimensions, fin style, and thermal properties. | Feature | Specification | | :--- | :--- | | **Manufacturer** | Advanced Thermal Solutions (ATS) | | **Series** | pushPIN™ HS Assembly | | **Fin Type** | Fine Pitch (straight fins) | | **Material** | Aluminum (Blue Anodized) | | **Attachment Method** | Push-Pin (Spring-loaded) | | **Thermal Resistance** | 2.67°C/W (at 100 LFM) | | **Dimensions (L x W x H)** | 60.00mm x 60.00mm x 10.00mm | --- ## 2. Key Components & Design Features ### A. Fin Geometry (Straight Fin) The "F" in the part number indicates a **Straight Fin** design. These are ideal for applications with consistent, high-velocity airflow (forced convection). The fine pitch maximizes the surface area for heat transfer within a low-profile 10mm height. ### B. Push-Pin Attachment The assembly uses a standardized **Push-Pin** mechanism with a high-performance compression spring. * **Benefits:** Ensures uniform pressure across the component surface, which optimizes the Thermal Interface Material (TIM) performance. * **Hole Pattern:** Specifically designed to fit industry-standard PCB hole layouts. ### C. Thermal Interface Material (TIM) This part comes pre-applied with **ATS-PPS-11**, a high-quality thermal pad/grease. This eliminates the need for manual application and ensures the best possible "wetting" between the heat sink base and the chip surface. --- ## 3. Physical Dimensions (Metric) The low profile of this specific model (10mm) makes it suitable for tight enclosures or 1U server rack configurations. | Dimension | Value | | :--- | :--- | | **Length (A)** | 60.00 mm | | **Width (B)** | 60.00 mm | | **Height (C)** | 10.00 mm | | **Pitch (E)** | 53.00 mm | --- ## 4. Part Number Breakdown ```text ATS - 07 F - 111 - C2 - R1 | | | | | | | | | | | └─ Revision Level | | | | └────── Thermal Interface Material/Color | | | └──────────── Height Code (10mm) | | └───────────────── Fin Style (F = Fine) | └─────────────────── Series/Size Identifier └───────────────────────── Manufacturer (Advanced Thermal Solutions) ```
    ✨ Follow-up Questions
    • ⤷What is the difference between straight fin and cross-cut fin heat sinks?
    • ⤷ How do I calculate if 2.67°C/W is sufficient for my processor?
    • ⤷ Are there alternative attachment methods to Push-Pins for this size?