ATS-07F-117-C2-R0
AI

The **ATS-07F-117-C2-R0** is a high-performance electronic component specifically designed for thermal management. It is a **heat sink** manufactured by Advanced Thermal Solutions (ATS) as part of their "push-pin" attachment series.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this specific model:
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 10mm |
| **Attachment Type** | Push-Pin (Plastic) |
| **Thermal Resistance** | 10.48°C/W (Unducted Flow @ 100 LFM) |
| **Fin Style** | Straight Fin |
| **Thermal Interface Material (TIM)** | T766 (High Performance) |
---
### 2. Key Electronic Features
#### A. Thermal Management Strategy
This part is designed to dissipate heat from surface-mount devices (SMDs) such as:
* **CPUs/GPUs:** Low-profile processors.
* **FPGAs:** Field Programmable Gate Arrays.
* **ASICs:** Application Specific Integrated Circuits.
#### B. The Push-Pin Mechanism
The "07F" in the part number denotes the specific attachment mechanism. It uses a **plastic push-pin with a spring**.
* **Constant Pressure:** The spring ensures consistent contact pressure between the heat sink and the electronic component, which is vital for efficient heat transfer.
* **Vibration Resistance:** The spring-loaded nature makes it suitable for environments with minor mechanical vibrations.
#### C. Airflow Optimization
The straight-fin design is optimized for **forced air cooling**. While it can work in natural convection, it performs best when a fan is blowing air across the 45mm width of the fins.
---
### 3. Application Use-Cases
* **Networking Hardware:** Routers, switches, and modems.
* **Industrial PCs:** Compact computing modules where vertical clearance (10mm height) is limited.
* **Power Supplies:** Cooling voltage regulators or power transistors.
---
### 4. Part Number Breakdown (Nomenclature)
`ATS-07F-117-C2-R0`
* **ATS:** Advanced Thermal Solutions (Brand).
* **07:** Series/Attachment type.
* **F:** Fin configuration/material variation.
* **117:** Specific size/footprint code.
* **C2:** Blue Anodized finish.
* **R0:** Revision/Standard packaging.
- ⤷
What is the thermal conductivity of the T766 interface material used in this part?
- ⤷ Are there copper alternatives to the ATS-07F series for higher heat dissipation?
- ⤷ How do I calculate the required airflow (LFM) for my specific chip wattage using this heat sink?