ATS-07F-134-C2-R0
AI

The **ATS-07F-134-C2-R0** is a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). While it is not an "electronic" component in the sense of a semiconductor, it is a critical mechanical part used in electronic assemblies for thermal management.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ Heat Sink |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic or Brass) |
| **Dimensions (L x W)** | 70mm x 70mm |
| **Height** | 12.7mm |
| **Fin Type** | Fine Pitch (Cross-Cut) |
| **Thermal Resistance** | ~4.44 °C/W (Unducted Flow @ 100 LFM) |
---
### 2. Design and Construction
The design focuses on maximizing surface area while maintaining a low profile for space-constrained PCB environments.
* **Cross-Cut Fin Pattern:** The fins are not continuous rows; they are cut into square pins. This allows for multidirectional airflow, meaning the cooling efficiency is less dependent on the orientation of the fan relative to the heat sink.
* **pushPIN™ Attachment:** It utilizes a spring-loaded push-pin mechanism. This ensures consistent pressure between the heat sink and the electronic component (like a CPU or FPGA), which is vital for effective heat transfer.
* **Pre-Applied Thermal Interface Material (TIM):** Most parts in this series come with a pre-applied phase-change material or thermal tape to reduce thermal resistance at the contact point.
---
### 3. Application Use Cases
The ATS-07F-134-C2-R0 is typically used on large surface-area components that generate significant heat but have limited vertical clearance.
* **Networking Hardware:** Switches and routers where horizontal space is plentiful but height is restricted.
* **Industrial Power Supplies:** Cooling power MOSFETs or large integrated circuits.
* **Embedded Systems:** High-performance computing modules that require passive or active airflow cooling.
---
### 4. Thermal Performance Overview
Thermal resistance ($\theta$) measures how effectively the part moves heat away. For this model:
1. **Low Airflow (100 LFM):** ~4.44 °C/W
2. **High Airflow (700 LFM):** ~1.20 °C/W
*Note: The lower the number, the better the heat dissipation.*
- ⤷
What are the compatible push-pin sizes for this specific heat sink?
- ⤷ How does the 'C2' designation in the part number affect the material or finish?
- ⤷ What is the recommended thermal interface material for high-vibration environments?