ATS-07F-135-C2-R0
AI

The **ATS-07F-135-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to the **Blue Anodized** series, designed for cooling electronic components like CPUs, GPUs, and power modules.
---
### 1. Technical Specifications
The following table summarizes the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W x H)** | 35.0mm x 35.0mm x 30.0mm |
| **Fin Style** | Fine Pitch (Cross-cut) |
| **Thermal Resistance** | 2.98 °C/W (at 100 LFM) |
| **Compatibility** | High-density PCB layouts |
---
### 2. Key Design Features
* **pushPIN™ Attachment:** This model uses a specialized push-pin mechanism with a built-in spring. This ensures consistent pressure (clamping force) on the heat source, improving thermal transfer without the risk of damaging the PCB.
* **Fine Pitch Fins:** The "F" in the part number indicates a fine-pitch fin pattern. This maximizes surface area, allowing for better heat dissipation in systems with forced air cooling (fans).
* **Pre-applied Thermal Interface Material (TIM):** Most "C2" variants come with a high-performance thermal pad or grease pre-applied to the base, simplifying the installation process.
* **Cross-Cut Pattern:** The fins are cut in both directions, which makes the heat sink "omni-directional." It can receive airflow from any angle, making it versatile for complex chassis airflow.
---
### 3. Thermal Performance Metrics
The thermal resistance of this part varies based on the airflow velocity (measured in Linear Feet per Minute - LFM):
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.98 |
| 300 (1.5 m/s) | 1.68 |
| 500 (2.5 m/s) | 1.34 |
| 700 (3.5 m/s) | 1.18 |
---
### 4. Part Number Breakdown
* **ATS:** Manufacturer (Advanced Thermal Solutions)
* **07:** Series/Product Line
* **F:** Fin Pitch (Fine)
* **135:** Dimensions/Internal Design Code
* **C2:** Thermal Interface Material / Finish Code
* **R0:** Revision/Packaging Code
- ⤷
How do I calculate the correct LFM for my specific fan setup?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in terms of performance?
- ⤷ Are there alternative attachment methods if my PCB doesn't have holes for push-pins?