ATS-07F-141-C3-R0
AI

The **ATS-07F-141-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs) to ensure system stability and longevity.
---
### 1. Key Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Product Type** | Heat Sink |
| **Series** | pushPIN™ |
| **Base Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance (Flowing)** | 1.70°C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 4.60°C/W @ Static |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Thermal Interface Material (TIM)** | T412 (Pre-applied) |
---
### 2. Physical Dimensions
The physical footprint is critical for PCB layout and ensuring no interference with surrounding components.
* **Length:** 30.00 mm
* **Width:** 30.00 mm
* **Height:** 10.00 mm (Low profile)
* **Pitch (Hole spacing):** 35.00 mm
---
### 3. Electronic Design Considerations
The ATS-07F-141-C3-R0 is engineered with specific electronic constraints in mind:
#### A. Fine-Pitch Fin Design
The "F" in the part number indicates a **Fine-Pitch** fin pattern. This increases the surface area for heat exchange, making it ideal for high-velocity airflow environments commonly found in server racks or compact industrial computers.
#### B. pushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical pushPIN™ system.
* **Reliability:** It provides consistent pressure across the component, improving thermal transfer.
* **Safety:** It prevents the heat sink from shifting or falling off due to vibration or thermal expansion/contraction.
#### C. Thermal Interface Material (T412)
The unit comes with **T412** pre-applied. This is a high-performance thermal grease/pad that fills microscopic air gaps between the electronic component (CPU/GPU/FPGA) and the heat sink base, significantly reducing thermal impedance.
---
### 4. Common Applications
* **Telecom/Networking:** Cooling high-speed processors in switches and routers.
* **Embedded Systems:** Ideal for space-constrained industrial PC104 or SOM boards.
* **Power Electronics:** Dissipating heat from MOSFET arrays or voltage regulators.
- ⤷
How do I calculate the airflow requirements (LFM) for this specific heat sink?
- ⤷ What is the difference between Blue Anodized and Gold Anodized finishes in thermal performance?
- ⤷ Can this heat sink be used with customized spring tensions for sensitive PCBs?