ATS-07F-143-C2-R0
AI

The part number **ATS-07F-143-C2-R0** refers to a high-performance **heat sink** manufactured by Advanced Thermal Solutions (ATS). This specific component is part of their "push pin" attachment series, designed for cooling electronic components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific model:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic) |
| **Fin Style** | Straight Fin |
| **Dimensions (L x W x H)** | 30.00mm x 30.00mm x 20.00mm |
| **Thermal Resistance** | 7.33°C/W (at 100 LFM) |
| **Thermal Interface (TIM)** | T766 (Pre-applied) |
---
### 2. Part Number Breakdown
Understanding the nomenclature helps identify the specific features of the cooling solution:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series designation (typically relates to the attachment mechanism or height profile).
* **F**: Fin type or spacing configuration.
* **143**: Specific size code (30mm x 30mm footprint).
* **C2**: Material/Finish code (Blue Anodized Aluminum).
* **R0**: Revision or packaging indicator.
---
### 3. Key Electronic Functions
While a heat sink is a mechanical part, it is critical for the reliable operation of electronics:
1. **Thermal Dissipation**: It increases the surface area of the heat-generating component, allowing air to carry away heat more efficiently.
2. **Thermal Interface Material (TIM)**: The "T766" coating ensures that microscopic air gaps between the semiconductor and the heat sink are filled, reducing thermal resistance.
3. **Stability**: The push-pin mechanism provides consistent pressure across the chip, which prevents the heat sink from shifting during vibration or thermal expansion.
---
### 4. Implementation Requirements
To use this part in a PCB design, the following considerations are necessary:
* **Hole Pattern**: The PCB must have pre-drilled holes at specific coordinates to accommodate the 30mm x 30mm mounting pattern.
* **Airflow**: This heat sink is passive; its efficiency depends on the velocity of air (measured in Linear Feet per Minute - LFM) provided by system fans.
* **Clearance**: Ensure no tall components (like capacitors) are within the 30mm footprint of the fins.
- ⤷
What is the hole-to-hole spacing required for this specific push-pin heat sink?
- ⤷ How does thermal resistance change as the airflow (LFM) increases for the ATS-07F series?
- ⤷ What are the alternatives to the T766 thermal interface material for high-power applications?