ATS-07F-160-C2-R0
AI

The **ATS-07F-160-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS).
### 1. Technical Specifications
This part is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
| Parameter | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Thermal Resistance** | 6.67°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Thermal Interface Material** | T766 (Pre-applied) |
---
### 2. Key Features and Design
#### A. Fin Design: XCUT
The "07F" in the part number indicates a specific fin pattern. These are **straight-fin** designs modified with cross-cuts. This allows for:
* Multi-directional airflow.
* Increased surface area without significantly increasing the footprint.
* Better performance in constrained spaces where air may not flow in a single linear path.
#### B. Push-Pin Attachment
Instead of using messy thermal epoxy or unreliable tape, this model uses a **spring-loaded push-pin** system.
* **Reliability:** Provides consistent pressure on the component for optimal heat transfer.
* **Ease of Install:** Requires pre-drilled holes in the PCB. The springs ensure the heat sink stays flush against the chip even during vibration.
#### C. Thermal Interface Material (TIM)
The unit comes with **T766** pre-applied. This is a high-performance phase-change material or grease that fills the microscopic air gaps between the component and the heat sink base, significantly lowering thermal resistance.
---
### 3. Part Number Breakdown
Understanding the nomenclature helps in identifying variants:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Part of the specific family series.
* **F:** Fin design type (XCUT).
* **160:** Dimensions/Model code.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
---
### 4. Applications
This specific heat sink is typically found in:
* **Telecommunications:** Networking switches and routers.
* **Industrial PC:** Embedded systems requiring passive or active cooling.
* **Power Electronics:** Cooling MOSFETs or small power modules.
- ⤷
What is the difference between Blue Anodized and Black Anodized heat sinks in terms of performance?
- ⤷ How do I calculate if the 6.67°C/W thermal resistance is sufficient for my 10W chip?
- ⤷ Are there specific PCB hole patterns required for the ATS push-pin system?