ATS-07F-164-C2-R0
AI

The **ATS-07F-164-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink**, manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power modules to prevent thermal throttling or hardware failure.
---
## 1. Technical Specifications
The following table outlines the physical and thermal characteristics of the part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ |
| **Thermal Resistance (Flowing)** | 2.41 °C/W @ 100 LFM |
| **Thermal Resistance (Static)** | 6.62 °C/W |
| **Dimensions (L x W)** | 45.00mm x 45.00mm |
| **Height (Height Off Base)** | 33.00mm |
| **Pitch** | Fine Pitch |
---
## 2. Key Design Features
### pushPIN™ Attachment System
Unlike standard adhesive tapes, this part uses the **pushPIN™** system.
* **Secure Fit:** Uses a spring-loaded mechanism to ensure consistent pressure across the component surface, maximizing heat transfer.
* **Versatility:** Comes with pre-drilled holes to accommodate different PCB thicknesses.
### Fin Design (XC High-Flow)
* The heat sink features a **straight fin** or **cross-cut** design tailored for high-flow environments.
* **Thermal Performance:** The "Fine Pitch" fin density is optimized for systems with active airflow (fans), allowing for a high surface-area-to-volume ratio.
### Material & Coating
* **Aluminum Construction:** Offers a balance between lightweight design and high thermal conductivity.
* **Blue Anodized Finish:** Provides corrosion resistance and slightly improves radiative heat transfer. It also acts as an electrical insulator for the surface of the sink.
---
## 3. Application Use Cases
This specific model is commonly used in:
1. **Telecommunications:** High-speed routers and switches.
2. **Industrial Controls:** Power supplies and motor drivers.
3. **Computing:** Chipsets on motherboards or embedded systems that generate significant localized heat.
---
## 4. Thermal Resistance Reference
Thermal performance varies based on the Air Velocity (LFM - Linear Feet per Minute):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 2.41 |
| 300 (1.5 m/s) | 1.34 |
| 500 (2.5 m/s) | 1.08 |
| 700 (3.5 m/s) | 0.94 |
- ⤷
What is the difference between blue anodized and black anodized finishes for heat sinks?
- ⤷ How do I calculate the required LFM for my specific CPU heat load?
- ⤷ Are there specific mounting hole patterns required for the pushPIN™ system?