ATS-07F-169-C2-R0
AI

The **ATS-07F-169-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or hardware failure.
---
### 1. Technical Specifications
Below are the primary physical and thermal characteristics of this part:
| Characteristic | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Attachment Method** | Push-Pin (Spring Loaded) |
| **Material** | Aluminum (Blue Anodized Finish) |
| **Thermal Resistance** | 15.71°C/W (at 100 LFM) |
| **Dimensions (L x W)** | 30.00mm x 30.00mm |
| **Height** | 10.00mm |
| **Fin Style** | Fine Pitch (Straight Fins) |
---
### 2. Key Component Features
#### A. pushPIN™ Attachment System
This model uses a specialized push-pin system. Instead of using messy adhesives or thermal tape, it utilizes a mechanical pin and spring mechanism.
- **Benefit:** Ensures consistent downward pressure on the electronic chip, which optimizes thermal contact and improves heat transfer efficiency.
#### B. Material and Coating
- **Aluminum:** Chosen for its excellent thermal conductivity and lightweight properties.
- **Blue Anodized Finish:** This is not just for aesthetics; the anodized layer provides corrosion resistance and slightly improves radiant heat emissivity.
#### C. Thermal Performance (LFM)
The efficiency of this heat sink is highly dependent on airflow (Linear Feet per Minute - LFM).
- At **100 LFM** (low airflow), the thermal resistance is **15.71°C/W**.
- At **700 LFM** (high airflow), the resistance drops significantly to **3.35°C/W**, making it much more effective in high-speed fan environments.
---
### 3. Application Use Cases
This specific part is generally used in compact electronic environments where space is limited but heat output is moderate:
* **Networking Equipment:** Routers, switches, and modems.
* **Embedded Systems:** Industrial PC components.
* **Power Supplies:** Cooling voltage regulators or MOSFETs.
* **LED Cooling:** High-output LED arrays that require consistent thermal regulation.
---
### 4. Part Number Breakdown
The nomenclature **ATS-07F-169-C2-R0** provides specific info:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Series/Design ID.
* **F:** Fin pitch/style.
* **169:** Specific dimensional/performance configuration.
* **C2:** Material/Finish code (Blue Anodized).
* **R0:** Revision or packaging code.
- ⤷
How do I calculate the correct LFM for my specific cooling fan?
- ⤷ What are the advantages of using push-pins over thermal adhesive?
- ⤷ Does this heat sink come with pre-applied thermal interface material (TIM)?