ATS-07F-171-C2-R0
AI

The **ATS-07F-171-C2-R0** is a high-performance heat sink manufactured by **Advanced Thermal Solutions (ATS)**. It is part of the "push-pin" attachment series designed for cooling electronic components such as CPUs, GPUs, and other integrated circuits.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to describe its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Plastic) |
| **Dimensions (L x W x H)** | 30mm x 30mm x 20mm |
| **Thermal Resistance** | 7.33°C/W (at 200 LFM) |
| **Fin Pattern** | XC-Cut (Cross-cut) |
---
### 2. Key Component Features
#### A. XC-Cut Fin Design
Unlike straight-fin heat sinks, the XC-cut design features a "pin-fin" style grid. This allows for:
* **Omnidirectional Airflow:** It can dissipate heat effectively regardless of which direction the cooling fan is blowing.
* **Increased Surface Area:** The cross-cuts increase the total area available for heat transfer to the ambient air.
#### B. Push-Pin Attachment
The model uses a **spring-loaded push-pin** mechanism.
* **Reliability:** It provides consistent pressure on the component, ensuring better thermal contact.
* **Ease of Installation:** No specialized tools are required for mounting on a PCB with pre-drilled holes.
#### C. Thermal Interface Material (TIM)
Typically, the "R0" suffix indicates that the heat sink comes with a pre-applied **T766 phase change material** or a similar thermal pad. This eliminates the need for manual application of thermal paste during assembly.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "board-level" thermal management solution.
1. **High-Speed Networking:** Used on ASICs and FPGAs in routers and switches.
2. **Embedded Computing:** Cooling processors in industrial PCs.
3. **Power Electronics:** Dissipating heat from large MOSFETs or voltage regulators.
---
### 4. Part Number Breakdown
The code `ATS-07F-171-C2-R0` can be interpreted as follows:
* **ATS:** Manufacturer (Advanced Thermal Solutions).
* **07:** Series number.
* **F:** Fin style/configuration.
* **171:** Specific dimensions and thermal profile.
* **C2:** Blue Anodized finish.
* **R0:** Revision/Thermal Interface Material type.
- ⤷
What are the alternative attachment methods for this heat sink series?
- ⤷ How does the air flow rate (LFM) affect the thermal resistance of the ATS-07F-171-C2-R0?
- ⤷ What are the PCB hole diameter requirements for the push-pin mounting?