ATS-07F-19-C2-R0
AI

The part number **ATS-07F-19-C2-R0** refers to a high-performance **Heat Sink** manufactured by *Advanced Thermal Solutions (ATS)*. It belongs to their "push-pin" series designed for cooling electronic components like CPUs, GPUs, and high-power ICs.
---
### 1. Technical Specifications
Below is a breakdown of the physical and thermal properties of this component:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum (Blue Anodized) |
| **Dimensions** | 35mm x 35mm x 20mm |
| **Attachment Style** | Push-Pin (Plastic) |
| **Spring Type** | Compression Spring |
| **Fin Style** | Straight Fin |
| **Thermal Resistance** | 9.77°C/W (at 1.0 m/s airflow) |
| **Thermal Interface Material (TIM)** | T766 (Pre-applied) |
---
### 2. Part Number Breakdown
The nomenclature used by ATS provides specific details about the part's construction:
* **ATS**: Manufacturer (Advanced Thermal Solutions).
* **07**: Series identifier (specifically related to fin geometry and pitch).
* **F**: Fin pitch/type.
* **19**: Package size/length code (35mm in this instance).
* **C2**: Material and Finish (Aluminum, Blue Anodized).
* **R0**: Versioning or standard revision code.
---
### 3. Key Electronic Functions
While this is a mechanical part, it serves critical electronic purposes:
1. **Thermal Management**: Dissipates heat generated by semiconductor junctions to prevent "thermal throttling" or hardware failure.
2. **Reliability**: By keeping the operating temperature of a chip low, it extends the Mean Time Between Failures (MTBF) of the electronic system.
3. **Pressure Application**: The push-pin and spring mechanism ensure even pressure across the die of the electronic component, optimizing heat transfer through the TIM.
---
### 4. Typical Applications
* **Embedded Systems**: Industrial PCs and IoT gateways.
* **Networking**: Cooling for ASICs in routers and switches.
* **Power Electronics**: Heat dissipation for MOSFET arrays or Voltage Regulator Modules (VRMs).
- ⤷
What are the advantages of using push-pins over adhesive tapes for heat sinks?
- ⤷ How does the 'Blue Anodized' finish affect thermal performance?
- ⤷ What is the recommended hole pattern on a PCB for this specific ATS heat sink?