ATS-07F-200-C3-R0
AI

The **ATS-07F-200-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS).
---
### 1. Technical Specifications
The part is designed for cooling electronic components (like CPUs, FPGAs, or MOSFETs) by increasing the surface area available for heat dissipation.
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 50mm x 50mm |
| **Height (Height Off Base)** | 9.83mm |
| **Thermal Resistance** | 9.90°C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Straight Fin |
---
### 2. Key Component Breakdown
#### A. Thermal Interface Material (TIM)
This specific model comes pre-applied with **T412**, a high-quality thermal phase-change material. This ensures there are no air gaps between the chip and the heat sink, maximizing heat transfer.
#### B. The pushPIN™ Attachment System
Instead of using adhesive tape or permanent solder, this part uses a mechanical "pushPIN" system.
* **Benefits:** Provides consistent pressure (force) across the component for better thermal contact.
* **Reliability:** It is more vibration-resistant than adhesive methods, making it suitable for industrial or telecommunications hardware.
#### C. Fin Design and Airflow
The "C3" designation refers to the specific material and finish combination. The blue anodized coating is not just for aesthetics; it provides:
1. **Corrosion Resistance:** Protects the aluminum from environmental degradation.
2. **Radiative Cooling:** Slightly improves the emissivity of the surface compared to bare aluminum.
---
### 3. Applications
This part is commonly found in:
* **Network Switches/Routers:** Cooling high-speed processing chips.
* **Embedded Systems:** Industrial PCs where vertical space is limited (low profile).
* **Power Supplies:** Heat dissipation for voltage regulators.
- ⤷
What are the benefits of the pushPIN attachment over thermal tape?
- ⤷ How does the 9.90°C/W thermal resistance change with higher airflow (LFM)?
- ⤷ Is this heat sink compatible with standard BGA chip footprints?