ATS-07F-201-C2-R0
AI

The **ATS-07F-201-C2-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It belongs to the "pushPIN™" family, designed for efficient cooling of integrated circuits (ICs) and other electronic components.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions, Inc. (ATS) |
| **Part Number** | ATS-07F-201-C2-R0 |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions** | 50.00mm x 50.00mm x 12.00mm |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 8.17 °C/W (at 100 LFM) |
---
### 2. Key Component Breakdown
#### A. The Heat Sink Body
The body is made of **Aluminum 6063**, which is the industry standard for heat sinks due to its high thermal conductivity and lightweight properties. The **Blue Anodized** finish provides surface protection against corrosion and enhances thermal radiation properties.
#### B. The PushPIN™ Attachment System
Unlike adhesive-based heat sinks, this model uses a mechanical attachment system:
* **Push Pins:** Durable brass or plastic pins that lock into the PCB.
* **Compression Springs:** These provide precise, constant pressure on the electronic component (CPU/GPU/FPGA), ensuring the best possible contact for heat transfer.
#### C. Thermal Interface Material (TIM)
The "C2" in the part number indicates that this unit typically comes pre-applied with **ATS-PPS-02** or a similar high-performance thermal grease, eliminating the need for separate application during assembly.
---
### 3. Performance Characteristics
The efficiency of this heat sink is measured by its **Thermal Resistance**. Lower values indicate better cooling performance:
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 8.17 |
| 300 (1.5 m/s) | 3.56 |
| 500 (2.5 m/s) | 2.56 |
---
### 4. Typical Applications
* **Networking Hardware:** High-speed routers and switches.
* **Embedded Systems:** Industrial PCs and controllers.
* **Power Supplies:** Cooling voltage regulators and MOSFETs.
* **Computing:** Secondary cooling for chipsets on motherboards.
---
- ⤷What is the difference between Blue Anodized and Clear Anodized finishes for heat sinks?
- ⤷ How do I determine if the 12mm height is sufficient for my PCB clearance?
- ⤷ What are the advantages of push-pin mounting over thermal tape?