ATS-07F-48-C1-R0
AI

The **ATS-07F-48-C1-R0** is a high-performance electronic thermal management component, specifically an **Advanced Thermal Solutions (ATS) push-pin heat sink**. It is designed to dissipate heat from surface-mount components like CPUs, GPUs, or FPGAs.
---
### 1. Technical Specifications
The following table outlines the physical and thermal characteristics of this specific part number:
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions Inc. |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Dimension (L x W)** | 30.00 mm x 30.00 mm |
| **Height (Fin Height)** | 25.00 mm |
| **Fin Style** | XCUT (Cross-cut / Pin Fin) |
| **Attachment Type** | Push-Pin (Spring-loaded) |
| **Thermal Resistance** | 7.50°C/W (at 100 LFM) |
---
### 2. Part Number Breakdown
The part number follows a specific nomenclature used by ATS to identify the configuration:
* **ATS-07**: Series designation.
* **F**: Fin pitch/density (in this case, "Fine").
* **48**: Specific size/design code within the series.
* **C1**: Material and Finish (Copper/Aluminum with specific coating, typically Blue Anodized Aluminum).
* **R0**: Revision or RoHS compliance status.
---
### 3. Key Electronic/Thermal Features
#### A. XCUT Fin Design
The "XCUT" geometry refers to the cross-cut pattern in the aluminum fins. Unlike standard straight-fin heat sinks, this design allows for **multi-directional airflow**. This is critical in cramped electronic enclosures where the fan placement might not align perfectly with the heat sink.
#### B. Push-Pin Attachment Mechanism
Instead of using messy thermal adhesives or tapes, this part uses a **pre-assembled push-pin and spring system**.
* **Stability:** Provides consistent pressure across the component for better heat transfer.
* **Installation:** Uses two holes drilled into the PCB (usually 3.0mm diameter).
* **Serviceability:** Allows the heat sink to be removed and re-installed easily during maintenance.
#### C. Thermal Interface Material (TIM)
The "R0" designation typically implies that the unit comes with **pre-applied phase-change material** or a high-performance thermal pad on the base. This eliminates the need for manual application of thermal grease during the assembly of the electronic board.
---
### 4. Typical Applications
* **Networking:** Switches, routers, and high-speed modems.
* **Industrial PC:** Embedded controllers that require passive or semi-passive cooling.
* **Power Electronics:** Voltage regulators and high-power transistors.
- ⤷
What are the exact hole-to-hole mounting dimensions for the ATS-07F-48-C1-R0?
- ⤷ How does the thermal resistance change at higher airflows (e.g.
- ⤷ 500 LFM)?
- ⤷ Is this heat sink compatible with standard 1U server chassis heights?