ATS-07F-49-C3-R0
AI

The **ATS-07F-49-C3-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by *Advanced Thermal Solutions, Inc. (ATS)*. It is part of the push-pin mounted series designed for cooling integrated circuits (ICs) like processors, BGA chips, and FPGAs.
---
## 1. Technical Specifications
The part number encodes specific physical and thermal characteristics:
| Feature | Specification |
| :--- | :--- |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | Push-Pin (Brass) with Compression Spring |
| **Fin Type** | Fine Pitch (Rectangular) |
| **Thermal Resistance** | 26.55°C/W (Unducted Flow) |
| **Weight** | ~25 grams |
---
## 2. Physical Dimensions
Precision sizing is critical for ensuring the heat sink fits within the PCBA (Printed Circuit Board Assembly) layout.
| Dimension | Measurement |
| :--- | :--- |
| **Length/Width** | 25.00 mm x 25.00 mm |
| **Height** | 20.00 mm |
| **Mounting Hole Spacing** | 30.00 mm |
---
## 3. Key Electronic Components & Features
### A. Material Composition
* **Aluminum 6063:** Chosen for its high thermal conductivity and lightweight properties.
* **Blue Anodization:** This is not just aesthetic; the coating increases surface emissivity and protects the aluminum from corrosion and electrical shorting during handling.
### B. Thermal Interface Material (TIM)
* **T412 Material:** This part usually comes pre-applied with a Phase Change Material or high-performance thermal tape. This fills microscopic air gaps between the component (CPU/GPU) and the heat sink base to maximize heat transfer.
### C. Mechanical Attachment (The "Push-Pin")
* Unlike adhesive-based heat sinks, this uses a **Brass Push-Pin** system.
* **Benefit:** Provides consistent pressure (clamping force) on the electronic chip, which improves thermal performance and ensures the sink doesn't fall off due to vibration or high temperatures.
---
## 4. Performance Data (Airflow)
The effectiveness of this part depends on the velocity of the air moving through the fins (measured in Linear Feet per Minute - LFM):
| Air Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 200 | 11.93 |
| 400 | 8.35 |
| 600 | 7.15 |
---
- ⤷
What are the specific PCB hole requirements for the 30mm push-pin mounting?
- ⤷ How does 'Blue Anodized' finish compare to 'Black Anodized' in terms of thermal radiation?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied T412?