ATS-07F-53-C1-R0
AI

The **ATS-07F-53-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or high-power transistors.
---
## 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Property | Value / Detail |
| :--- | :--- |
| **Product Type** | push-PIN™ Heat Sink |
| **Material** | Aluminum (AL6063) |
| **Finish** | Blue Anodized |
| **Dimensions (L x W)** | 35.0 mm x 35.0 mm |
| **Height** | 30.0 mm |
| **Fin Style** | Straight (optimized for airflow) |
| **Thermal Resistance** | ~8.50° C/W (at 100 LFM airflow) |
| **Attachment Method** | push-PIN™ with Spring |
---
## 2. Key Components & Materials
### A. The Heat Sink Body
* **Material:** Made of Aluminum 6063. Aluminum is chosen for its excellent thermal conductivity-to-weight ratio.
* **Blue Anodized Coating:** This is not just for aesthetics; the anodized layer provides corrosion resistance and increases surface emissivity, which slightly improves radiative heat transfer.
### B. The Attachment System (push-PIN™)
Instead of using messy thermal adhesives or tapes, this part uses a mechanical fastening system:
* **Push-Pins:** Plastic or metal pins that snap into pre-drilled holes on the Printed Circuit Board (PCB).
* **Springs:** These ensure constant, uniform pressure between the heat sink and the component, maximizing thermal interface contact.
### C. Thermal Interface Material (TIM)
* The "R0" suffix usually denotes that it comes with a pre-applied **Phase Change Material** or thermal grease (likely ATS-specific T766) to fill microscopic air gaps between the component and the sink.
---
## 3. Performance Analysis
The efficiency of the ATS-07F-53-C1-R0 is highly dependent on airflow (Measured in Linear Feet per Minute - LFM):
| Airflow (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (Natural) | 8.50 |
| 300 (Moderate) | 2.32 |
| 500 (High) | 1.66 |
---
## 4. Typical Applications
* **Embedded Systems:** Cooling industrial processors.
* **Networking:** Keeping routers and switches cool during heavy data loads.
* **Power Supplies:** Dissipating heat from MOSFETs or voltage regulators.
- ⤷
What is the difference between blue anodized and black anodized heat sinks?
- ⤷ How do I calculate the required airflow for this specific heat sink?
- ⤷ Can this heat sink be used with a custom mounting bracket instead of push-pins?