ATS-07F-64-C1-R0
AI

The **ATS-07F-64-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is part of the "push pin" series designed for secure attachment to PCBs.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics:
| Attribute | Specification |
| :--- | :--- |
| **Material** | Aluminum (Al6063) |
| **Finish** | Blue Anodized |
| **Dimensions** | 45mm x 45mm x 20mm |
| **Attachment Type** | Push Pin (Spring loaded) |
| **Thermal Resistance** | 9.36° C/W @ 100 LFM (Linear Feet per Minute) |
| **Fin Style** | XCUT (Straight Fins with Cross-cut) |
| **Thermal Interface** | T766 (High performance phase change material) |
---
### 2. Key Design Features
#### A. XCUT Fin Profile
Unlike standard straight fins, the "XCUT" design features cross-cuts. This allows the heat sink to handle **omni-directional airflow**, meaning it remains efficient even if the air is not blowing perfectly straight through the fins.
#### B. Push Pin Mounting
This model utilizes a push-pin attachment mechanism rather than thermal tape or clips.
* **Security:** Provides consistent pressure for optimal heat transfer.
* **Safety:** Prevents the heat sink from shifting or falling off during high-vibration environments.
* **Ease of Install:** Requires pre-drilled holes in the PCB.
#### C. Thermal Interface Material (TIM)
The unit comes pre-applied with **T766 thermal grease/pad**. This ensures that microscopic air gaps between the electronic component (CPU/GPU/FPGA) and the heat sink are filled, maximizing heat conductivity.
---
### 3. Common Applications
This heat sink is typically used for medium-sized electronic components that generate significant heat:
* **Network Switches & Routers:** Cooling ASICs and processing units.
* **Industrial PCs:** Cooling embedded CPU modules.
* **Power Supplies:** Managing thermal load on MOSFETs or power regulators.
* **FPGA Cooling:** High-speed programmable logic devices.
---
### 4. Thermal Performance Data
Performance varies based on airflow speed:
| Airflow (LFM) | Velocity (m/s) | Thermal Resistance (°C/W) |
| :--- | :--- | :--- |
| 100 | 0.5 | 9.36 |
| 200 | 1.0 | 4.39 |
| 300 | 1.5 | 3.07 |
| 400 | 2.0 | 2.50 |
- ⤷
What are the PCB hole requirements for the push-pin mounting of this heat sink?
- ⤷ Is the T766 thermal interface material electrically conductive?
- ⤷ Are there alternative fin heights available in the ATS-07 series?