ATS-07F-68-C1-R0
AI

The **ATS-07F-68-C1-R0** is a high-performance electronic thermal management component, specifically a **Heat Sink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic components like CPUs, GPUs, or power transistors to prevent thermal throttling or failure.
---
### 1. Technical Specifications
The part number follows a specific nomenclature that defines its physical and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Material** | Aluminum |
| **Finish** | Blue Anodized |
| **Attachment Method** | pushPIN™ (Spring-loaded) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 15mm |
| **Thermal Resistance** | 15.29°C/W (Unducted Flow @ 100 LFM) |
| **Fin Pattern** | Cross-Cut (Straight Fin) |
---
### 2. Key Design Elements
#### A. The pushPIN™ Attachment System
This part features a specialized mounting mechanism designed for secure and easy installation. It utilizes:
* **Compression Springs:** Provide the precise pressure required to ensure optimal contact between the heat sink and the component.
* **Plastic/Brass Pins:** These pass through pre-drilled holes in the PCB to lock the unit in place.
#### B. Cross-Cut Fin Design
The "Fin-on-Fin" or cross-cut design increases the surface area and promotes **turbulent airflow**. This is more effective than standard straight fins in environments where the direction of airflow might be inconsistent.
#### C. Thermal Interface Material (TIM)
The "R0" designation typically implies the inclusion of a high-performance thermal interface material (usually a phase-change material or thermal pad) pre-applied to the base of the heat sink to ensure low thermal resistance between the heat source and the aluminum.
---
### 3. Application Use Cases
This specific heat sink is categorized as a "Medium" profile cooling solution and is commonly used in:
* **Networking Hardware:** Routers, switches, and load balancers.
* **Embedded Systems:** Industrial PCs and automation controllers.
* **Power Electronics:** Voltage regulators and high-current power modules.
---
### 4. Thermal Performance Comparison
*Note: Thermal resistance (measured in °C/W) decreases as airflow (LFM - Linear Feet per Minute) increases.*
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 15.29 |
| 300 (1.5 m/s) | 5.92 |
| 500 (2.5 m/s) | 4.06 |
- ⤷
How does the blue anodized finish affect the thermal performance compared to bare aluminum?
- ⤷ What is the recommended PCB hole size for the pushPIN™ mounting system?
- ⤷ Can this heat sink be used with a custom thermal paste instead of the pre-applied TIM?