ATS-07F-69-C1-R0
AI

The **ATS-07F-69-C1-R0** is a high-performance electronic thermal management component, specifically a **Heatsink** manufactured by Advanced Thermal Solutions (ATS). It is designed to dissipate heat from electronic integrated circuits (ICs), such as CPUs, GPUs, or high-power transistors.
---
### 1. Technical Specifications
The part number follows a specific nomenclature used by ATS to define the dimensions, fin pattern, and thermal characteristics.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | Advanced Thermal Solutions (ATS) |
| **Series** | pushPIN™ |
| **Material** | Aluminum (Blue Anodized) |
| **Attachment Method** | Push-Pin (Plastic/Brass) |
| **Fin Type** | Straight Fin |
| **Thermal Resistance** | 11.46 °C/W (Unducted Flow @ 100 LFM) |
| **Dimensions (L x W)** | 45mm x 45mm |
| **Height** | 20mm |
---
### 2. Key Component Features
#### A. pushPIN™ Attachment System
The "R0" at the end of the part number indicates the specific attachment kit. This system uses a pre-drilled hole pattern on the PCB with a spring-loaded pin.
* **Benefits:** Ensures consistent pressure (clamping force) across the thermal interface material (TIM).
* **Security:** Much more reliable than adhesive tapes in high-vibration environments.
#### B. Material and Coating
* **Aluminum 6063:** Chosen for its excellent thermal conductivity and lightweight properties.
* **Blue Anodization:** Not just for aesthetics; it provides surface protection against corrosion and increases the emissivity of the surface, slightly improving radiation heat transfer.
#### C. Fin Geometry
The straight-fin design is optimized for **forced air convection**. While it works in natural convection, its efficiency peaks when paired with a system fan or directed airflow within a chassis.
---
### 3. Thermal Performance Breakdown
Thermal resistance ($\theta$) is the most critical metric. Lower numbers indicate better cooling performance.
| Airflow Velocity (LFM) | Thermal Resistance (°C/W) |
| :--- | :--- |
| 100 (0.5 m/s) | 11.46 |
| 300 (1.5 m/s) | 3.92 |
| 500 (2.5 m/s) | 2.59 |
| 700 (3.5 m/s) | 2.11 |
---
### 4. Typical Applications
* **Networking Equipment:** Routers, switches, and base stations.
* **Industrial PCs:** Cooling embedded processors in fan-less or low-airflow enclosures.
* **Power Supplies:** Heat dissipation for MOSFETs and power regulators.
- ⤷
What are the PCB hole requirements for the push-pin attachment of this heatsink?
- ⤷ How does the 'C1' designator in the part number affect the thermal interface material?
- ⤷ Can this heatsink be used in natural convection environments without a fan?